Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175F Datasheet(PDF) 2 Page - Littelfuse

Part # VLR175F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175F Datasheet(HTML) 2 Page - Littelfuse

  VLR175F Datasheet HTML 1Page - Littelfuse VLR175F Datasheet HTML 2Page - Littelfuse VLR175F Datasheet HTML 3Page - Littelfuse VLR175F Datasheet HTML 4Page - Littelfuse VLR175F Datasheet HTML 5Page - Littelfuse VLR175F Datasheet HTML 6Page - Littelfuse VLR175F Datasheet HTML 7Page - Littelfuse VLR175F Datasheet HTML 8Page - Littelfuse VLR175F Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Table B1 — Product Series - Current Rating, Voltage Rating /Typical Resistance
Hold
Current (A)
VLR
VLP
VTP
MXP
SRP
LR4
Typical Activation Temperature
85°C
90°C
90°C
120°C
125°C
125°C
1.10
—
—
16V/0.054Ω
—
—
—
1.20
—
16V/0.053Ω
—
—
15V/0.123Ω
—
1.70
12V/0.025Ω
—
16V/0.041Ω
—
—
—
1.75
12V/0.024Ω
16V/0.032Ω
16V/0.040Ω
—
15V/0.070Ω
—
1.80
—
—
—
6V/0.0105Ω
—
—
1.90
—
—
—
6V/0.011Ω
—
15V/0.056Ω
2.00
—
—
—
—
30V/0.045Ω
—
2.10
—
16V/0.024Ω
16V/0.024Ω
—
—
—
2.20
—
16V/0.023Ω
—
—
—
—
2.30
12V/0.015Ω
—
—
—
—
—
2.50
—
—
—
6V/0.011Ω
—
—
2.60
—
—
—
—
—
15V/0.031Ω
2.70
—
16V/0.015Ω
—
6V/0.0105Ω
—
—
3.10
—
—
—
6V/0.0075Ω
—
—
3.50
—
—
—
—
30V/0.024Ω
—
3.70
—
—
—
6V/0.007Ω
—
—
3.80
—
—
—
—
—
15V/0.020Ω
4.20
—
—
—
—
30V/0.018Ω
—
4.50
—
—
—
—
—
20V/0.016Ω
5.50
—
—
—
—
—
20V/0.013Ω
6.00
—
—
—
—
—
20V/0.011Ω
7.30
—
—
—
—
—
20V/0.009Ω
9.00
—
—
—
—
—
20V/0.008Ω
13.00
—
—
—
—
—
20V/0.006Ω
Application Selection Guide
The guide below lists PolySwitch strap battery devices which are typically used in applications.
The following pages contain the specifications for the part numbers recommended below.
Once a device is selected, the user should evaluate and test each product for its intended application.
Protection Application
Additional Comments
PolySwitch Resettable Devices — Key Device Selection Criteria
Installation Method
Lowest Resistance
Lowest Thermal Cut-off
Mobile Phone Battery Packs
Li-ion
Surface-mount
Refer to Surface-mount Section of this Catalog
Prismatic
MXP370BD
VLR175F
Cordless Phone Battery Packs
NiMH
Cylindrical
VLP210F
—
SRP175F
Mobile Radio Battery Packs
NiMH
Cylindrical
LR4-380F
—
SRP350F
Computer Battery Packs
NiMH
Cylindrical
LR4-900F
—
Li-ion
Cylindrical
LR4-1300SSF
—
Prismatic
Consult Local Rep
Consult Local Rep
Camcorder Battery Packs
NiMH or Li-ion
Prismatic
VLP270F
VTP210GF
LR4-380F
—
PDA Battery Packs
Li-ion
Prismatic
VLP220F
VLR175F
Power Tools (Charge Line)
NiCd, NiMH or Li-ion
Cylindrical
Custom LR4
Custom VTP
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com