Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175F Datasheet(PDF) 6 Page - Littelfuse

Part # VLR175F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175F Datasheet(HTML) 6 Page - Littelfuse

Back Button VLR175F Datasheet HTML 2Page - Littelfuse VLR175F Datasheet HTML 3Page - Littelfuse VLR175F Datasheet HTML 4Page - Littelfuse VLR175F Datasheet HTML 5Page - Littelfuse VLR175F Datasheet HTML 6Page - Littelfuse VLR175F Datasheet HTML 7Page - Littelfuse VLR175F Datasheet HTML 8Page - Littelfuse VLR175F Datasheet HTML 9Page - Littelfuse VLR175F Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figures B2-B12 — Dimension Figures
(Cont’d)
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
B D
C
A
Table B4 — Dimensions in Millimeters (Inches)
Part
Number
A
B
C
D
E
F
G
Figure
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
85°C Typical Activation
VLR
VLR170F
20.8
23.2
3.5
3.9
—
0.8
4.5
6.5
4.5
6.5
2.4
2.6
—
—
B3
(0.832) (0.928)
(0.140) (0.156)
—
(0.032)
(0.180) (0.260)
(0.180) (0.260)
(0.096) (0.104)
—
—
VLR175F
23.0
24.5
2.9
3.3
0.5
0.8
4.7
7.2
3.8
5.4
2.4
2.6
—
—
B3
(0.920) (0.980)
(0.116) (0.132)
(0.020) (0.032)
(0.188) (0.288)
(0.152) (0.216)
(0.096) (0.104)
—
—
VLR175LF
29.3
31.7
2.9
3.3
—
0.8
5.2
6.8
10
12.5
2.4
2.6
—
—
B3
(1.172) (1.268)
(0.116) (0.132)
—
(0.032)
(0.208) (0.272)
(0.400) (0.500)
(0.096) (0.104)
—
—
VLR230F
20.9
23.1
4.9
5.3
—
0.8
4.1
5.8
4.1
5.8
3.9
4.1
—
—
B3
(0.836) (0.924)
(0.196) (0.212)
—
(0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
—
—
90°C Typical Activation
VLP
VLP120UF
10.9
11.8
4.4
4.6
—
0.7
5.5
6.5
1.65
1.9
2.3
2.5
—
—
B5
(0.430) (0.460)
(0.170) (0.180)
—
(0.028)
(0.220) (0.260)
(0.065) (0.075)
(0.091) (0.098)
—
—
VLP175UAF
23.6
25.6
2.7
2.9
—
0.7
7.0
8.0
7.0
8.0
2.3
2.5
—
—
B5
(0.944) (1.024)
(0.108) (0.116)
—
(0.028)
(0.280) (0.320)
(0.280) (0.320)
(0.092) (0.100)
—
—
VLP210F
15.4
17.5
6.9
7.3
0.6
0.8
4.0
6.2
4.0
6.2
3.9
4.1
—
—
B2
(0.616) (0.700)
(0.276) (0.292)
(0.024) (0.032)
(0.160) (0.248)
(0.160) (0.248)
(0.156) (0.164)
—
—
VLP220F
21.1
23.3
3.5
3.9
0.6
0.8
5.1
6.8
5.1
6.8
2.9
3.1
—
—
B3
(0.844) (0.932)
(0.140) (0.156)
(0.024) (0.032)
(0.204) (0.272)
(0.204) (0.272)
(0.116) (0.124)
—
—
VLP270F
20.9
23.1
4.9
5.3
0.6
0.8
4.1
5.8
4.1
5.8
3.9
4.1
—
—
B3
(0.836) (0.924)
(0.196) (0.212)
(0.024) (0.032)
(0.164) (0.232)
(0.164) (0.232)
(0.156) (0.164)
—
—
Figure B5
Figure B8
Figure B11
Figure B6
Figure B9
Figure B12
Figure B7
Figure B10
B
F
A
D
E
C
B
F
A
D
G
G
C
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com