Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175F Datasheet(PDF) 10 Page - Littelfuse

Part # VLR175F
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175F Datasheet(HTML) 10 Page - Littelfuse

Back Button VLR175F Datasheet HTML 6Page - Littelfuse VLR175F Datasheet HTML 7Page - Littelfuse VLR175F Datasheet HTML 8Page - Littelfuse VLR175F Datasheet HTML 9Page - Littelfuse VLR175F Datasheet HTML 10Page - Littelfuse VLR175F Datasheet HTML 11Page - Littelfuse VLR175F Datasheet HTML 12Page - Littelfuse VLR175F Datasheet HTML 13Page - Littelfuse VLR175F Datasheet HTML 14Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MGP
A = MGP450
B = MGP500
LR4
A = LR4-190F
B = LR4-260F
C = LR4-380F
D = LR4-450F
E = LR4-550F
F = LR4-600F
G = LR4-730F
H = LR4-900F
I = LR4-1300SSF
Figure B17
Figure B19
SRP
A = SRP120F
B = SRP175F
C = SRP200F
D = SRP350F
E = SRP420F
Figure B18
Fault Current (A)
100
10
1
0.10
0.01
110100
A
A
B
B
C
C
D
D
E
E
Fault Current (A)
100
10
1
0.10
0.01
110100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
I
I
Figures B13-B19 —TypicalTime-to-Trip Curve at 20°C
(Cont’d)
100
10
1
0.1
0.01
Fault Current (A)
110100
A
B
A
B
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com