Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175LF Datasheet(PDF) 4 Page - Littelfuse

Part # VLR175LF
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175LF Datasheet(HTML) 4 Page - Littelfuse

  VLR175LF Datasheet HTML 1Page - Littelfuse VLR175LF Datasheet HTML 2Page - Littelfuse VLR175LF Datasheet HTML 3Page - Littelfuse VLR175LF Datasheet HTML 4Page - Littelfuse VLR175LF Datasheet HTML 5Page - Littelfuse VLR175LF Datasheet HTML 6Page - Littelfuse VLR175LF Datasheet HTML 7Page - Littelfuse VLR175LF Datasheet HTML 8Page - Littelfuse VLR175LF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure B1 —Thermal Derating Curve
A = LR4
B = SRP
C = VTP, VLP, MXP
D = MGP
E = VLR
F = RSD
Table B3 — Electrical Characteristics
Part
Number
IH
IT
VMAX
IMAX
PD MAX
Max Time-to-trip
RMIN
RMAX
R1MAX
Figure for
Dimension
(A)
(A)
(VDC)
(A)
(W)
(A)
(s)
(Ω)
(Ω)
(Ω)
85°C Typical Activation
VLR*
VLR170F
1.70
4.1
12
100
1.4
8.50
5.0
0.018
0.032
0.064
B3
VLR175F
1.75
4.2
12
100
1.4
8.75
5.0
0.017
0.031
0.062
B3
VLR175LF
1.75
4.2
12
100
1.4
8.75
5.0
0.017
0.031
0.062
B3
VLR230F
2.30
5.0
12
100
2.5
10.00
5.0
0.012
0.018
0.036
B3
90°C Typical Activation
VLP*
VLP120UF
1.20
3.6
16
60
1.6
7.00
5.0
0.039
0.067
0.134
B5
VLP175UAF
1.75
3.9
16
60
1.8
8.75
5.0
0.023
0.041
0.082
B5
VLP210F
2.10
5.0
16
60
1.8
10.50
5.0
0.018
0.030
0.060
B2
VLP220F
2.20
5.3
16
60
1.8
11.00
5.0
0.017
0.029
0.058
B3
VLP270F
2.70
6.5
16
60
2.5
13.50
5.0
0.012
0.018
0.036
B3
VTP*
VTP110F
1.10
2.7
16
100
1.3
5.50
5.0
0.038
0.070
0.140
B5
VTP170F
1.70
3.4
16
100
1.4
8.50
5.0
0.030
0.052
0.105
B2
VTP170XSF
1.70
3.4
16
100
1.4
8.50
5.0
0.030
0.052
0.105
B4
VTP175F
1.75
3.6
16
100
1.4
8.75
5.0
0.029
0.051
0.102
B3
VTP175LF
1.75
3.6
16
100
1.4
8.75
5.0
0.029
0.051
0.102
B3
VTP210GF
2.10
4.7
16
100
1.5
10.00
5.0
0.018
0.030
0.060
B3
VTP210SF
2.10
4.7
16
100
1.5
10.00
5.0
0.018
0.030
0.060
B4
120°C Typical Activation
MXP*
MXP180
1.80
5.2
6
50
1.0
9.00
5.0
0.007
0.014
0.024
B10
MXP190BB
1.90
4.9
6
50
1.0
9.50
2.0
0.007
0.015
0.024
B9
MXP250K
2.50
6.2
6
50
1.0
13.50
2.0
0.006
0.016
0.028
B10
MXP270
2.70
6.2
6
50
1.0
13.50
2.0
0.006
0.015
0.026
B10
MXP310
3.10
9.0
6
50
1.3
17.50
5.0
0.003
0.012
0.018
B10
MXP370BD
3.70
9.0
6
50
1.3
18.50
5.0
0.004
0.010
0.016
B10
* Product electrical characteristics determined at 25°C.
Figure B1
200
180
160
140
120
100
80
60
40
20
0
A
B
C
Temperature (˚C)
-50-30
-40-10
-2020
10
040
30
60
50
80
70
90
D
E
A
B
C
D
E
F
F
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com