Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175LF Datasheet(PDF) 1 Page - Littelfuse

Part # VLR175LF
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175LF Datasheet(HTML) 1 Page - Littelfuse

  VLR175LF Datasheet HTML 1Page - Littelfuse VLR175LF Datasheet HTML 2Page - Littelfuse VLR175LF Datasheet HTML 3Page - Littelfuse VLR175LF Datasheet HTML 4Page - Littelfuse VLR175LF Datasheet HTML 5Page - Littelfuse VLR175LF Datasheet HTML 6Page - Littelfuse VLR175LF Datasheet HTML 7Page - Littelfuse VLR175LF Datasheet HTML 8Page - Littelfuse VLR175LF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POLYSWITCH RESETTABLE
DEVICES
Strap Battery Devices
Littelfuse PolySwitch, a pioneer of polymeric positive
temperature coefficient (PPTC) resettable devices, offers
several material platforms to help protect battery
applications. Each of these material platforms offers
different performance characteristics that allow the
engineer greater design flexibility. PolySwitch devices
for battery protection include SRP, LR4, VTP, VLP,
VLR, MXP and MGP series, disc and special application
strap devices.
BENEFITS
• Many material platforms and device form factors
help provide engineers more design flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Low-resistance devices increase battery
operating time
FEATURES
• RoHS compliant
• Lead-free versions of all devices are available
• Broad range of resettable devices available
• Current ratings from 1.1A to 13A
• Voltage ratings from 6V to 30V
• Agency recognition: UL, CSA, TÜV
• Fast time-to-trip
• Low resistance
APPLICATIONS
• Mobile phone and smart phone battery packs
• Tablet PC battery packs
• Mobile radio battery packs
• Computer battery packs
• Digital camera battery packs
• Portable media player battery packs
• Power tools (charge line)
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.


Similar Part No. - VLR175LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR175LF MACOM-VLR175LF Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
VLR175LF MACOM-VLR175LF Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - VLR175LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
PolySwitch Resettable Devices Strap Battery Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
PolySwitch Resettable Devices
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
PolySwitch Resettable Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com