Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR175LF Datasheet(PDF) 5 Page - Littelfuse

Part # VLR175LF
Description  POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

VLR175LF Datasheet(HTML) 5 Page - Littelfuse

  VLR175LF Datasheet HTML 1Page - Littelfuse VLR175LF Datasheet HTML 2Page - Littelfuse VLR175LF Datasheet HTML 3Page - Littelfuse VLR175LF Datasheet HTML 4Page - Littelfuse VLR175LF Datasheet HTML 5Page - Littelfuse VLR175LF Datasheet HTML 6Page - Littelfuse VLR175LF Datasheet HTML 7Page - Littelfuse VLR175LF Datasheet HTML 8Page - Littelfuse VLR175LF Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figures B2-B12 — Dimension Figures
Table B3 — Electrical Characteristics
(Cont’d)
Part
Number
IH
IT
VMAX
IMAX
PD MAX
Max Time-to-trip
RMIN
RMAX
R1MAX
Figure for
Dimension
(A)
(A)
(VDC)
(A)
(W)
(A)
(s)
(Ω)
(Ω)
(Ω)
120˚C Typical Activation
MGP
MGP450
4.50
9.2
6
50
1.5
25.00
5.0
0.0025
0.007
0.013
B11
MGP500
5.00
9.2
6
50
1.5
25.00
5.0
0.0025
0.0065
0.013
B12
125°C Typical Activation
SRP
SRP120F
1.20
2.7
15
100
1.2
6.00
5.0
0.085
0.160
0.220
B6
SRP175F
1.75
3.8
15
100
1.5
8.75
5.0
0.050
0.090
0.120
B6
SRP200F
2.00
4.4
30
100
1.9
10.00
4.0
0.030
0.060
0.100
B6
SRP350F
3.50
6.3
30
100
2.5
20.00
3.0
0.017
0.031
0.050
B6
SRP420F
4.20
7.6
30
100
2.9
20.00
6.0
0.012
0.024
0.040
B6
LR4
LR4-190F
1.90
3.9
15
100
1.2
9.5
5.0
0.0390
0.0720
0.102
B7
LR4-260F
2.60
5.8
15
100
2.5
13.0
5.0
0.0200
0.0420
0.063
B7
LR4-380F
3.80
8.3
15
100
2.5
19.0
5.0
0.0130
0.0260
0.037
B7
LR4-380XF
3.80
8.3
15
100
2.5
19.0
5.0
0.0130
0.0260
0.037
B7
LR4-450F
4.50
8.9
20
100
2.3
22.5
5.0
0.0110
0.0200
0.028
B7
LR4-550F
5.50
10.5
20
100
2.8
27.5
5.0
0.0090
0.0160
0.022
B7
LR4-600F
6.00
11.7
20
100
2.8
30.0
5.0
0.0070
0.0140
0.019
B7
LR4-600XF
6.00
11.7
20
100
2.8
30.0
5.0
0.0075
0.0140
0.019
B7
LR4-730F
7.30
14.1
20
100
3.3
30.0
5.0
0.0060
0.0120
0.015
B7
LR4-900F
9.00
16.7
20
100
3.8
45.0
5.0
0.0060
0.0100
0.014
B7
LR4-1300SSF
13.00
21.2
20
100
4.5
50.0
10.0
0.0035
0.0065
0.009
B8
* Product electrical characteristics determined at 25°C.
Figure B2
Figure B3
Figure B4
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
A
A
A
B
B
B
B
B
B
B
B
B
B
F
F
F
F
F
F
F
F
F
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
D
E
C to
L CL
C
C
A
C
C
A
B
F
D
E
C
A
A
A
C
C
C
B
F
A
C
A
C
B
D
E
A
C
B
F
D
E
A
C
A
C
A
C
B
B
F
A
A
C
D
C
Notes
IH
: Hold current: maximum current device will pass without interruption in 20°C still air unless otherwise specified.
IT
: Trip current: minimum current that will switch the device from low-resistance to high-resistance in 20°C still air unless otherwise specified.
VMAX : Maximum voltage device can withstand without damage at rated current.
IMAX : Maximum fault current device can withstand without damage at rated voltage.
PD
: Power dissipated from device when in the tripped state in 20°C still air unless otherwise specified.
RMIN : Minimum resistance of device as supplied at 20°C unless otherwise specified.
RMAX : Maximum resistance of device as supplied at 20°C unless otherwise specified.
R1MAX : Maximum resistance, measured at 20°C unless otherwise specified, of device one hour after being tripped the first time.
RoHS Compliant, ELV Compliant
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
PolySwitch Resettable Devices
Strap Battery Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com