Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 99Page - STMicroelectronics STM32WB15CC Datasheet HTML 100Page - STMicroelectronics STM32WB15CC Datasheet HTML 101Page - STMicroelectronics STM32WB15CC Datasheet HTML 102Page - STMicroelectronics STM32WB15CC Datasheet HTML 103Page - STMicroelectronics STM32WB15CC Datasheet HTML 104Page - STMicroelectronics STM32WB15CC Datasheet HTML 105Page - STMicroelectronics STM32WB15CC Datasheet HTML 106Page - STMicroelectronics STM32WB15CC Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
DS13258 Rev 4
103/127
STM32WB15CC
Electrical characteristics
115
6.3.18
Analog switches booster
6.3.19
Analog-to-Digital converter characteristics
Unless otherwise specified, the parameters given in Table 69 are preliminary values derived
from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage
conditions summarized in Table 21: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 68. Analog switches booster characteristics(1)
1. Specified by design, not tested in production.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
1.71
-
3.6
V
tSU(BOOST)
Booster startup time
-
-
240
µs
IDD(BOOST)
Booster consumption for
1.71 V ≤ VDD ≤ 2.0 V
--
250
µA
Booster consumption for
2.0 V ≤ VDD ≤ 2.7 V
--
500
Booster consumption for
2.7 V ≤ VDD ≤ 3.6 V
--
900
Table 69. ADC characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
fADC
ADC clock frequency
-
0.14
-
35
MHz
fs
Sampling rate
12 bits, VDDA ≤ 2.0 V
-
-
2.18
Msps
10 bits, VDDA ≤ 2.0 V
-
-
2.50
8 bits, VDDA ≤ 2.0 V
-
-
2.92
6 bits, VDDA ≤ 2.0 V
-
-
3.50
12 bits, VDDA > 2.0 V
-
-
2.50
10 bits, VDDA > 2.0 V
-
-
2.92
8 bits, VDDA > 2.0 V
-
-
3.50
6 bits, VDDA > 2.0 V
-
-
4.38
fTRIG
External trigger
frequency
fADC = 35 MHz
12 bits, VDDA ≤ 2.0 V
--
2.18
MHz
fADC = 35 MHz
12 bits, VDDA > 2.0 V
--
2.33
12 bits, VDDA ≤ 2.0 V
fADC/16
12 bits, VDDA > 2.0 V
-
-
fADC/15
VAIN (3)
Conversion voltage
range(2)
-0
-
VDDA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com