Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 103Page - STMicroelectronics STM32WB15CC Datasheet HTML 104Page - STMicroelectronics STM32WB15CC Datasheet HTML 105Page - STMicroelectronics STM32WB15CC Datasheet HTML 106Page - STMicroelectronics STM32WB15CC Datasheet HTML 107Page - STMicroelectronics STM32WB15CC Datasheet HTML 108Page - STMicroelectronics STM32WB15CC Datasheet HTML 109Page - STMicroelectronics STM32WB15CC Datasheet HTML 110Page - STMicroelectronics STM32WB15CC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 127 page
background image
DS13258 Rev 4
107/127
STM32WB15CC
Electrical characteristics
115
Figure 22. ADC accuracy characteristics
SNR
Signal-to-noise
ratio
VDDA = 3 V, fADC = 35 MHz, 
fs ≤ 2.5 Msps, TA = 25 °C
63.0
64.0
-
dB
2 V < VDDA < 3.6 V, fADC = 35 MHz,
fs ≤ 2.5 Msps, TA = entire range
60.0
64.0
-
1.62 V < VDDA < 3.6 V, TA = entire range, 
fADC = 35 MHz, fs ≤ 2.2 Msps
60.0
64.0
-
THD
Total harmonic
distortion
VDDA = 3 V, fADC = 35 MHz, 
fs ≤ 2.5 Msps, TA = 25 °C
--74
-73
2 V < VDDA < 3.6 V, fADC = 35 MHz,
fs ≤ 2.5 Msps, TA = entire range
--74
-70
1.62 V < VDDA < 3.6 V, TA = entire range, 
fADC = 35 MHz, fs ≤ 2.2 Msps
--74
-70
1. Based on characterization results, not tested in production.
2. ADC DC accuracy values are measured after internal calibration.
3. Injecting negative current on any analog input pin significantly reduces the accuracy of the A-to-D conversion of signals on
another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins susceptible to receive
negative current.
4. I/O analog switch voltage booster is enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V and disabled
when VDDA ≥ 2.4 V.
Table 71. ADC accuracy(1)(2)(3) (continued)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
MSv19880V6
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End-point correlation line
n = ADC resolution
ET = total unadjusted error: maximum deviation
between the actual and ideal transfer curves
EO = offset error: maximum deviation between the first
actual transition and the first ideal one
EG = gain error: deviation between the last ideal
transition and the last actual one
ED = differential linearity error: maximum deviation
between actual steps and the ideal one
EL = integral linearity error: maximum deviation between
any actual transition and the end point correlation line
2
n-1
7
6
5
4
3
2
1
0
Output code
EO
VSSA
2
n-2
2
n-3
VREF+ (VDDA)
ET
EL
ED
1 LSB ideal
EG
(1)
(2)
(3)
(or
)]
[1LSB =
VDDA
2
n
VREF+
2
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com