Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB15CC Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32WB15CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB15CC Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32WB15CC Datasheet HTML 119Page - STMicroelectronics STM32WB15CC Datasheet HTML 120Page - STMicroelectronics STM32WB15CC Datasheet HTML 121Page - STMicroelectronics STM32WB15CC Datasheet HTML 122Page - STMicroelectronics STM32WB15CC Datasheet HTML 123Page - STMicroelectronics STM32WB15CC Datasheet HTML 124Page - STMicroelectronics STM32WB15CC Datasheet HTML 125Page - STMicroelectronics STM32WB15CC Datasheet HTML 126Page - STMicroelectronics STM32WB15CC Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 127 page
background image
Revision history
STM32WB15CC
126/127
DS13258 Rev 4
9
Revision history
Table 87. Document revision history
Date
Revision
Changes
19-Feb-2021
1
Initial release.
07-Jun-2021
2
Added WLCSP49 package, hence updated image on cover page and
added Figure 10: STM32WB15CCY WLCSP49 pinout (1) and
Section 7.2: WLCSP49 package information.
Updated Section 2: Description, Section 3.6.2: BLE general description,
Section 3.7.5: Low-power modes, Section 3.10: Clocks and startup,
Section 6.1.6: Power supply scheme, Section 6.3.9: External clock
source characteristics and Section 8: Ordering information.
Updated Table 1: STM32WB15CC device features and peripheral counts,
Table 6: Functionalities depending on system operating mode, Table 7:
STM32WB15CC modes overview, Table 15: STM32WB15CC pin
definitions, Table 17: Voltage characteristics, footnote 1 of Table 18,
Table 20: Main performance at VDD = 3.3 V and its footnote 2, Table 21:
General operating conditions, Table 23: RF transmitter BLE
characteristics (1 Mbps) and its footnote 2, Table 24: RF transmitter BLE
characteristics (2 Mbps) and its footnote 2, Table 27: RF BLE power
consumption for VDD = 3.3 V, Table 37: Current consumption in Stop 1
mode, Table 38: Current consumption in Stop 0 mode, Table 39: Current
consumption in Standby mode, Table 44: Low-power mode wakeup
timings, Table 45: Regulator modes transition times, Table 46: Wakeup
time using USART / LPUART, Table 48: HSE clock source requirements
and its footnotes, Table 49: HSE oscillator characteristics, Table 55: LSI2
oscillator characteristics and its footnote 3, Table 64: I/O static
characteristics and Table 86: Package thermal characteristics.
Updated Figure 2: STM32WB15CC RF front-end block diagram,
Figure 7: Clock tree, Figure 22: ADC accuracy characteristics, Figure 23:
Typical connection diagram when using the ADC with FT/TT pins
featuring analog switch function and its footnotes.
Minor text edits across the whole document.
25-Jun-2021
3
Removed WLCSP49 package, hence updated image on cover page and
removed former Figure 10 and Section 7.2.
Updated Section 2: Description and Section 8: Ordering information.
Updated Table 1: STM32WB15CC device features and peripheral counts,
Table 15: STM32WB15CC pin definitions, Table 21: General operating
conditions and Table 86: Package thermal characteristics.
Updated Figure 2: STM32WB15CC RF front-end block diagram.
10-Aug-2021
4
Added WLCSP49 package, hence updated image on cover page and
added Figure 10: STM32WB15CCY WLCSP49 pinout (1) and
Section 7.2: WLCSP49 package information.
Updated Section 2: Description and Section 8: Ordering information.
Updated Table 1: STM32WB15CC device features and peripheral counts,
Table 15: STM32WB15CC pin definitions, Table 21: General operating
conditions and Table 86: Package thermal characteristics.
Updated Figure 2: STM32WB15CC RF front-end block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com