Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC8/V+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX25210ASAC8/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC8/V+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX25210ASAC8/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Detailed Description
The MAX25210 low-quiescent-current, high-voltage linear regulator family is ideal for use in automotive and battery-
operated systems. The device operates from an input voltage of +3.5V to +36V, delivers up to 300mA of load current, and
consumes only 10µA of quiescent current at no load. The input is +42V tolerant and is designed to operate under load-
dump conditions. The MAX25210 can be user configured as either a fixed output voltage (+3.3V or +5V) or an adjustable
output voltage using an external resistive voltage divider.
The MAX25210 features an open-drain, active-low RESET output with fixed thresholds offered at 93.5% and 87.5% of
the output voltage. The RESET output remains low for a delay period of 60µs after the output voltage fault is cleared.
The RESET delay can be extended with an external capacitor. The MAX25210 includes an enable input, short-circuit
protection and thermal shutdown.
Fixed-Output-Voltage Mode
The SET and SETOV inputs determine the output mode. For the 5V fixed-output-voltage mode (see the 5V fixed-output
circuit in Typical Application Circuits), connect SET to GND and SETOV to OUT. For the 3.3V fixed-output-voltage mode
(see the 3.3V fixed-output circuit in Typical Application Circuits), connect SET to GND and SETOV to GND.
Adjustable-Output-Voltage Mode
For the adjustable-output-voltage mode (see the adjustable output circuit in Typical Application Circuits), connect SET to
IN or a voltage > 2.4V and connect SETOV to a resistive voltage divider R1 and R2 between OUT and GND. An output
voltage between 0.6V and 11V can be selected using the following equation:
VOUT = VSETOV x (1 + R1/R2) where VSETOV = 0.6V and R2 should be less than or equal to 110kΩ.
In order to increase the phase margin in applications with an external resistor-divider, a feed-forward capacitor in parallel
with the top resistor-divider is recommended.
Output Short-Circuit Current Limit
The MAX25210 has four current-limit options: 400mA, 330mA, 165mA, and 88mA (typ). The output can be shorted to
GND continuously without damage to the device. During a short circuit, the power dissipated across the pass transistor
can quickly heat the device. When the die temperature reaches +170°C, the MAX25210 turns off the pass transistor and
automatically restarts after the die temperature has cooled by 20°C.
RESET Output
The MAX25210 features an active-low, open-drain reset output. Once the monitored output voltage exceeds the reset
threshold voltage, the RESET output goes low as long as the fault persists. After the fault is cleared, RESET remains
low for the reset timeout period and then goes high. RESET also asserts low when ENABLE is low and during thermal
shutdown. The pullup voltage on the RESET pin must be greater than 1.5V.
Timeout
The MAX25210 includes a reset timeout period adjustable input. The internal capacitance produces a 60µs default delay
when TIMEOUT is left unconnected. Connect a capacitor from TIMEOUT to GND to set a higher timeout period than
default. Use the following formula to determine the reset timeout capacitor:
CTIMEOUT = 0.8 x ITO x TTIMEOUT
where CTIMEOUT is in nF, ITO is in µA, and TTIMEOUT is in ms.
For example, if ITO is 1µA, CTIMEOUT must be 8nF to obtain a 10ms delay.
ENABLE
ENABLE is an active-high, logic-level enable input that turns the device on or off. Drive ENABLE high to turn the device
on. An internal 0.25µA pulldown current keeps the MAX25210 in shutdown mode when driven by an open-drain driver, or
by a three-state driver in high-impedance mode. When in shutdown, the MAX25210 consumes only 2µA (typ). ENABLE
withstands voltages up to 42V, allowing it to be driven by high-input level voltages or connected to IN for always-on
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com