Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC8/V+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25210ASAC8/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC8/V+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25210ASAC8/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics (continued)
(VIN_H = VENABLE = +14V, CIN = 1µF, COUT = 2.2µF, TJ = -40°C to +150°C, unless otherwise noted. Typical values are TA = +25°C
(Note 1).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (5V
Fixed Output Setting)
VOUT50
MAX25210ATAA_/V+ ONLY, 1mA ≤
ILOAD ≤ 300mA, VIN = 6V to 30V, COUT
= 2.2µF (Note 2)
4.9
5.0
5.1
V
VOUT50
1mA ≤ ILOAD ≤ 200mA, VIN = 6V to 30V,
COUT = 2.2µF (Note 2)
4.9
5
5.1
VOUT50
1mA ≤ ILOAD ≤ 50mA, VIN = 6V to 30V,
COUT = 2.2µF, TJ = +150°C (Notes 2, 3)
4.9
5
5.1
Output Voltage (3.3V
Fixed Output Setting)
VOUT33
MAX25210ATAA_/V+ ONLY, 1mA ≤
ILOAD ≤ 300mA, VIN = 6V to 30V, COUT
= 2.2µF (Note 2)
3.234
3.3
3.366
V
1mA ≤ ILOAD ≤ 200mA, VIN = 4.8V to
30V, COUT = 2.2µF (Note 2)
3.234
3.3
3.366
1mA ≤ ILOAD ≤ 50mA, VIN = 4.8V to 30V,
COUT = 2.2µF, TJ = +150°C (Notes 2, 3)
3.234
3.3
3.366
Adjustable Output
Voltage Range
VOUT
COUT = 15µF
0.6
1.5
V
Adjustable Output-
Voltage Range
VOUT
COUT = 10µF
1.5
11.0
V
SETOV FB Voltage
VSETOV
ILOAD = 1mA (Note 3)
0.588
0.600
0.612
V
Dropout Voltage from
IN_H (Note 4)
ΔVDO
ILOAD = 300mA, SET = GND, SETOV =
HIGH, VOUT(NORM) = +5V
450
770
mV
ILOAD = 200mA, SET = GND, SETOV =
HIGH, VOUT(NORM) = +5.0V
300
500
ILOAD = 50mA, SET = GND, SETOV =
HIGH, VOUT(NORM) = +5.0V, TJ =150°C
(Notes 2, 3)
130
Output Current Limit
ISC
(MAX25210ATAA_/V+) 300mA option
330
400
mA
(MAX25210ATAB_/V+) 200mA option
230
330
(MAX25210ATAC_/V+) 100mA option
115
165
(MAX25210ATAD_/V+) 50mA option
58
88
Thermal Shutdown
(Note 5)
170
°C
Thermal Shutdown
Hysteresis
(Note 5)
20
°C
Line Regulation (5V
Fixed Output Setting)
VIN = 6V to 30V, ILOAD = 1mA
1
mV
Line Regulation (3.3V
Fixed Output Setting)
VIN = 4.8V to 30V, ILOAD = 1mA
1
mV
Load Regulation (5V
Fixed Output Setting)
ILOAD = 1mA to 200mA
12
mV
Load Regulation (3.3V
Fixed Output Setting)
ILOAD = 1mA to 200mA
12
mV
Power-Supply Rejection
Ratio
PSRR
ILOAD = 10mA, f = 100Hz, 500mVP-P
(Note 5)
60
dB
Startup Response Time
tSTART
Rising edge of VIN to VOUT, ILOAD =
50mA (Note 5)
520
µs
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com