Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC8/V+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX25210ASAC8/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC8/V+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX25210ASAC8/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC8/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Electrical Characteristics (continued)
(VIN_H = VENABLE = +14V, CIN = 1µF, COUT = 2.2µF, TJ = -40°C to +150°C, unless otherwise noted. Typical values are TA = +25°C
(Note 1).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMEOUT Ramp
Current
ITO
TIMEOUT connected to GND
0.6
1
1.65
µA
TIMEOUT Ramp Delay
1.25
ms/nF
RESET Default Timeout
Period
VOUT rising, TIMEOUT = OPEN
60
µs
RESET Threshold
MAX25210__9/V+ VOUT falling
92
93.5
95
% of
VOUT
MAX25210__8/V+ VOUT falling
86
87.5
89
RESET Threshold
Hysteresis
VOUT rising
5
% of
VOUT
OUT to RESET Delay
VOUT falling (Note 5)
4
µs
RESET Output-Voltage
Low (Open-Drain)
VOL
ISINK = 0.5mA, RESET asserted
0.4
V
RESET Open-Drain
Leakage Current
RESET not asserted, RESET = 36V, TA
= +25°C
1
µA
RESET not asserted, RESET = 36V, TJ =
+150°C
1
ENABLE Logic-Low
VIL
0.4
V
ENABLE Logic-High
VIH
2.4
V
ENABLE Pulldown
Current
(Note 6)
0.25
µA
SET Input Leakage
Current
SET = HIGH, VSETOV = 5V or SET =
GND, VSETOV = 5V
1
µA
SET Logic-Low
VILSET
0.4
V
SET Logic-High
VIHSET
2.4
V
SETOV Input Current
(All Modes)
TA = +25°C
-50
50
nA
TJ = +150°C
0.2
µA
SETOV Low-Level Input
Voltage
VILSETOV
SET = GND, VSETOV < VILSETOV or
places device in +3.3V fixed output-
voltage mode
0.4
V
SETOV High-Level Input
Voltage
VIHSETOV
SET = GND, VSETOV > VIHSETOV or
places device in +5V fixed output-voltage
mode
VOUT -
0.4
V
Note 1: Production tested at TA = +25°C. Overtemperature limits are guaranteed by ATE characterization between -40°C ≤ TJ
+150°C, unless otherwise noted. Thermally limited, not all combinations of input voltage and current are tested.
Note 2: Observe the absolute maximum power dissipation limits.
Note 3: Specification characterized up to +150°C operating junction temperature. Limits are guaranteed by bench characterization.
Note 4: Dropout voltage is defined as (VIN - VOUT) when VOUT is 2% below the value of VOUT for VIN = VOUT + 3V.
Note 5: Not production tested.
Note 6: ENABLE is internally pulled to GND.
Note 7: The device is designed for continuous operation up to TJ = +125°C for 95,000 hours and TJ = +150°C for 5,000 hours.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com