Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 1 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 1 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Based on S2-LP radio
•
S2-LP narrow band ultra-low power sub-1 GHz transceiver tuned for 860-940
MHz frequency band
•
Programmable RF output power up to +27 dBm
•
Modulation schemes: 2-FSK, 2-GFSK, 4-FSK, 4-GFSK, OOK and ASK
•
Air data rate from 0.1 to 500 kbps
•
Ultra-low power consumption: 7 mA RX and 10 mA TX at +10 dBm
•
IEEE 802.15.4g hardware packet support with whitening, FEC, CRC and dual
SYNC word detection
•
RX and TX 128 byte FIFO buffers
•
Support to wireless M-Bus
•
Excellent performance of receiver sensitivity (up to -130 dBm)
•
Automatic acknowledgement, retransmission and timeout protocol engine
•
Compatible with STM32 Nucleo boards
•
Compatible with Arduino UNO R3 connectors
•
Sigfox compatible
•
Sample firmware for P2P communication
•
6LoWPAN compatible thanks to STM32Cube
•
FCC ID: S9NS2915A
•
IC ID: 8976C-S2915A1
•
RoHS and WEEE compliant
Description
The X-NUCLEO-S2915A1 expansion board is based on the S2-LP radio and
operates in the 915 MHz ISM frequency band.
The expansion board is compatible with ST morpho and Arduino UNO R3
connectors.
The X-NUCLEO-S2915A1 interfaces with the STM32 Nucleo microcontroller via SPI
connections and GPIO pins. You can change some of the GPIOs by mounting or
removing the resistors.
Product summary
Sub-1 GHz 915 MHz RF
expansion board based
on S2-LP radio for
STM32 Nucleo
X-NUCLEO-
S2915A1
Ultra-low power, high
performance, sub-1 GHz
transceiver
S2-LP
Applications
WM-BUS
Sigfox
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32
Nucleo
X-NUCLEO-S2915A1
Data brief
DB4054 - Rev 1 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - S2-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LPS STMICROELECTRONICS-S2-LPS Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
S2-LPSCBQTR STMICROELECTRONICS-S2-LPSCBQTR Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
More results

Similar Description - S2-LP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1872 STMICROELECTRONICS-UM1872 Datasheet
615Kb / 21P
Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
23-Jun-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com