Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 3 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 3 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Figure 2. X-NUCLEO-S2915A1 circuit schematic - Arduino connectors
1
CN9
CSN
D6
7
CN5
SDA
GPIO3
PC7
+5V
1
3V3
4
A0
1
PWM/D10
4
IOREF
D7
8
SCL
SDN
AREF
9
SDA
nS
R14
NM
+3V3
3
PWM/D9
3
R7
8
PA3
R13
R9
SCL
10
0
CSN
R16
NM
8 pass-through:
male on bottom
and female on top
0
6
GND
2
R18
7
GND
PA2
JUMPER
nS
0
A4
5
SDI
1
0
5V
5
2
SCK/D13
7
GND
MOSI/PWM/D11
5
SDO
0
PC7
RESET
R12
R15
6
D5
6
NC
1
D11
Pass-through:
male on bottom
and female on top
ARDUINO UNO R3 SX connector
CN8
NM
JP1
MISO/D12
6
D8
D4
5
RESET
2
R23
A5
0
D2
3
VDD
A3
4
RXD/D0
2
SCLK
R10
NM
GPIO1
330
GPIO0
A2
3
TXD/D1
SCLK
SDN
NM
0
VIN
GPIO0
R6
LED
GPIO2
AVDD
D3
4
0
IOREF
0
R11
R19
8
VIN
CN6
A1
2
0
ARDUINO UNO R3 DX connector
R4
R5
R17
Pass-through:
male on bottom
and female on top
R18
NM
6 pass-through:
male on bottom
and female on top
Figure 3. X-NUCLEO-S2915A1 circuit schematic - ST morpho connectors
PC11
PD2
E5V
IOREF
RESET
+3V3
+5V
VIN
PA0
PA1
PA4
PB0
PC1
PC0
PC9
PB8
PB9
AVDD
PA5
PA6
PA7
PB6
PC7
PA9
PA8
PB10
PB4
PB5
PB3
PA10
PA2
PA3
NC/PF4
NC/PF5
PC4
AGND
PB13
PB14
PB15
PB1
PB2
PC10
PC12
PB11/NC
VDD
BOOT0
PB12
NC/PF6
NC/PF7
PA11
PA13
PA14
PA12
PA15
PD8
PB7
PC14
PC6
PC8
PC2
PC3
CN10
1
13
15
17
19
21
23
25
27
29
31
33
35
37
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
CN7
13
15
17
19
21
23
25
31
33
PH0/PF0/PD0 29
35
PH1/PF1/PD1
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
ST morpho SX connector
Pass-through:
female on bottom
and male on top
ST morpho DX connector
3
5
7
9
11
2
4
6
8
2
4
6
8
1
3
5
7
9
11
27
37
PC13
VDD
PC15
VLCD/VBAT
PC5
U5V
Pass-through:
female on bottom
and male on top



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com