Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LP Datasheet(PDF) 2 Page - STMicroelectronics

Part # S2-LP
Description  Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Datasheet(HTML) 2 Page - STMicroelectronics

  S2-LP Datasheet HTML 1Page - STMicroelectronics S2-LP Datasheet HTML 2Page - STMicroelectronics S2-LP Datasheet HTML 3Page - STMicroelectronics S2-LP Datasheet HTML 4Page - STMicroelectronics S2-LP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-S2915A1 circuit schematic
C32
C_220n_0402
15
VDDRXDIG
GND
4
C16
NP
R1
R_100k_0402
C50
C_1p5_0402
OUT
+3V3
C37
2p4F
L10
L_5n6H_0402
L8
L_15nH_0402
C11
C_220n_0402
C34
C_3p3F_0402
SW1
1
2
GND
NC
5
U4
SKY66420
L2
L_10U_0603
SW2
NC
C30
C_220n_0402
C47
C_100p_0402
C23
1.5pF
3
C48
C_1p2_0402
C37
2p4F
10
C8
C_100p_0402
2
C18
NM
C24
C_100p_0402
nS
C50
C_1p5_0402
C55
33pF
VDD
RX
R44
2.2K
C61
NP
C5
C_220n_0402
SDN
3
VDDSMPS
U5
STSAFE-A100
18
L24
4n7H
L26
7n5H
C31
2p2F
R1
R_100k_0402
C9
C_100n_0402
L27
2n7H
C36
C_220n_0402
C17
100pF
R3
R_100k_0402
C56
1nF
C44
C_2p7F_0402
C9
C_100n_0402
SDA
L7
L_4n7H_0402
VDD
1. 4 V t o 1. 8 V max
C
C61
NP
7
6
ANT
4
SW2
9
L3
L_39nH_0402
TX_ALT
L13
L_18nH_0402
2
C46
C_100p_0402
C12
C_1u_0402
L9
L_6n8H_0402
1
C6
C_100p_0402
C38
NP
C51
C_100p_0402
R3
R_100k_0402
14
SDA
R45
2.2K
C58
120pF
C41
C_100p_0402
C55
33pF
LNA ON: SW1 soldered a 100 pF cap between 1 - 2
SW2 soldered a 100 pF cap between 1 - 3
LNA OFF: SW1 soldered a 100 pF cap between 1 - 3
SW2 soldered a 100 pF cap between 1 - 2
C60
NP
R2
R_100k_040
C40
12pF
GPIO0
C10
C_220n_0402
C43
C_1p5F_0402
E1
AM11DG-ST01
L12
L_18nH_0402
VDDRXDIG
C1
C_4.7U_0402
nS
VDDANASYNTH
1
SMPS1
TX
U4
SKY66420
8
C57
4u7F
R2
R_100k_040
C3
C_100p_0402
TX
NC
C52
100nF
L28
6n8H
L14
4.7nH
U1
M95640
GND
C35
C_5p6F_0402
SDI
R45
2.2K
C25
C_470p_0402
C59
10nF
C54
10pF
Y1
CRYSTAL_NX1612SA
SDO
VCC
C1
C_4.7U_0402
C16
NP
C24
C_100p_0402
C32
C_220n_0402
C42
NP
C36
C_220n_0402
13
IN
RXN
VSS
+3V3
L3
L_39nH_0402
C25
C_470p_0402
C59
10nF
C62
C_100p_0402
L14
4.7nH
C4
C_100p_0402
nHOLD
1
XOUT
12
C57
4u7F
R20
R_10ohm_0402
4
VSMPS2
L24
4n7H
L11
L_27nH_0402
C6
C_100p_0402
RESET
C7
C_220nF_0402
C23
1.5pF
U1
M95640
C53
10uF/0805
16
SCLK
C33
NP
C42
NP
SDO
C13
C_100p_0402
C41
C_100p_0402
L26
7n5H
L9
L_6n8H_0402
C31
2p2F
L2
L_10U_0603
SDI
2
C35
C_5p6F_0402
L10
L_5n6H_0402
C10
C_220n_0402
C62
C_100p_0402
VRSYNTH
IN
VDDANASYNTH
1
8
R20
R_10ohm_0402
VCC
C11
C_220n_0402
C22
C_220n_0402
L25
4n7H
VRSYNTH
VDDSMPS
+3V3
C49
C_1p5_0402
L7
L_4n7H_0402
C44
C_2p7F_0402
C56
1nF
VDD
E1
AM11DG-ST01
7
C52
100nF
C48
C_1p2_0402
C34
C_3p3F_0402
C12
C_1u_0402
C7
C_220nF_0402
L29
120ohm
L30
0n8H
C51
C_100p_0402
C30
C_220n_0402
C33
NP
C5
C_220n_0402
R44
2.2K
2
C58
120pF
C22
C_220n_0402
U2
S2LP
C54
10pF
L27
2n7H
+3V3
RXP
VDD
4
VSMPS2
D
L13
L_18nH_0402
VDDVCOTX
C17
100pF
C39
C_12pF_0402
nW
J1
SMA ANTENNA
3
SW1
C18
NM
C8
C_100p_0402
SMPS2
RX
3
L8
L_15nH_0402
CSD
C40
12pF
TX
1
C13
C_100p_0402
C2
C_220n_0402
SCL
VDDRXDIG
L29
120ohm
Q
2
SDO
SCLK
C2
C_220n_0402
R43
2.2K
C60
NP
C46
C_100p_0402
6
SCLK
4
SDI
17
L12
L_18nH_0402
C43
C_1p5F_0402
L30
0n8H
U5
STSAFE-A100
OUT
L25
4n7H
5
C47
C_100p_0402
VDD
SDN
U2
S2LP
C39
C_12pF_0402
C53
10uF/0805
C38
NP
SCL
C3
C_100p_0402
C4
C_100p_0402
6
VDDSMPS
L28
6n8H
3
XIN
TX_IN
5
11
C49
C_1p5_0402
RX
Y1
CRYSTAL_NX1612SA
J1
SMA ANTENNA
L11
L_27nH_0402
+3V3
R43
2.2K
3
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com