Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7490L
Description  15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PWM-stage
PRE
+
-
-
+
470pF
470pF
R4
68K
R5 52.3K
L9 30
µ
INPUT
C23
235nF
PWM-stage
L10 30
µ
C26
470nF
dumping
(common
mode)
The LC filter is optimized for 8
(<->LC filter for 4
Ω in single-ended)
It hos to be changed for other loads
C24
235nF
C29
470nF
R28
10
R27
10
R25
Rload
PRE
470pF
470pF
R61
68K
R62 52.3K
D99AU1081
79
10
18
19
17
23
3
R63
4.7K
Int.
Int.
C40
C60
C59
C41
Figure 2. Test and application circuit. (Bridge Configuration)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (no signal)
±30
V
Ptot
Power Dissipation Tcase = 70°C
35
W
Tstg, Tj
Storage and Junction Temperature
–40 to 150
°C
Top
Operating Temperature Range
0 to 70
°C
V6,8,10,18
Maximum Voltage on pins # 6,8,10,18 referred to GND
±5V
THERMAL DATA
Symbol
Parameter
Typ.
Max.
Unit
Rth j-case
Thermal Resistance Junction-case
1
°C/W
TDA7490L
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com