Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7490L
Description  15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, VCC =
±17V; RL = 8Ω; Demod. filter L =
30mH, C = 220nF; f = 1KHz; fsw = 200kHz; Tamb = 25°‘C unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±10
±25
V
Iq
Total Quiescent Current
RL =
∞ no LC filter
70
120
mA
VOS
Output Offset Voltage
–150
+150
mV
PO
Output Power
THD = 10%
THD = 1%
12
10
15
12
W
W
PO(BTL)
Output Power in Bridge
Configuration
Vs =
±17V; RL = 16Ω
THD = 10%
THD = 1%
28
22.5
W
W
Vs =
±13V; RL = 8Ω
THD = 10%
THD = 1%
28
22.5
W
W
PO
(1)
Output Power
RL = 4
Ω VCC = ±13V
THD = 10%
THD = 1%
15
12
W
W
PD
Maximum Dissipated Power
VCC =
±17V; RL = 8Ω
PO = 15W + 15W; THD = 10%
4W
η
Efficiency (*)
PO = 15W + 15W
86
%
THD
Total Harmonic Distortion
RL = 8
Ω; PO = 1W
0.1
%
Imax
Overcurrent Protection
Threshold
RL = 0
3.5
5
A
Tj
Thermal Shut-down Junction
Temperature
150
°C
GV
Closed Loop Gain
29
30
31
dB
∆GV (3)
Gain Matching
-1
+1
dB
eN
Total Input Noise
RG = 50
Ω
A Curve
f = 20Hz to 22KHz
7
12
µV
µV
CT
Cross talk
f = 1KHz, PO = 1W
55
dB
Ri
Input Resistance
20
30
k
Ω
SVR
Supply Voltage Rejection
f = 100Hz; Vr = 0.5
60
dB
Vrmax
Overvoltage Threshold
(5)
55
60
V
Tr, Tf
Rising and Falling Time
50
70
ns
RDSON
Power Transistor on Resistance
0.4
0.8
Ω
FSW
(4)
Switching Frequency Range
100
200
230
KHz
MUTE & STAND-BY FUNCTIONS
VST-BY
Stand-by range
0
0.7
V
VMUTE
Mute Range
1.7
2.5
V
VPLAY
Play Range
4
5
V
AMUTE
Mute Attenuation
55
60
dB
IqST-BY
Quiescent Current @ Stand-by
3
5
mA
*: PO = measured across the load using the following inductor:
COIL58120 MPPA 2 (magnectics) TURNS = 20 ø 1mm
(1) L = 15
µH, C = 470nF
(3)
∆Gv is intended with R2, R17, R5, R9 1% precision
(4) FSW = 0.25
⋅ (1/(300ns + R13 ⋅ ( C17 + 76pF) ⋅ 0.85)
(5) VRMAX = (+VCC) - (-VCC) when VR
≥VRMAX the device goes in Stand-By mode
TDA7490L
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com