Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7490L Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7490L
Description  15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
D97AU816B
1
25
PIN CONNECTION (Top view)
PIN FUNCTIONS
N.
Name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
-VCC sign/sub
-VCCpow1
out 1
+VCCpow1
BOOT1
STBY-MUTE
FEED1
OSC
FEED2
IN1
T1
+5V
GND
CURREF
T2
-5V
FEED3
IN2
FEED4
NC
BOOT2
+VCCpow2
OUT2
-VCCpow2
Vreg
Negative signal/substrate supply
Negative power supply CH1
PWM output of CH1
Positive power supply CH1
Bootstrap CH1
Control State Pin
Feedback pin 1 CH1
Master Oscillator Setting Freequency Pin (or external sync.)
Feedback pin2 CH1
Input CH1
Triangular waveform CH1
+5V regulator (only for internal purposes)
Signal ground
Setting current resistor
Triangular waveform CH2
-5V regulator (only for internal purposes)
Feedback pin1 CH2
Input CH2
Feedback pin2 CH2
Not connected
Bootstrap CH2
Positive power supply CH2
PWM output of CH2
Negative power supply CH2
10V regulator
TDA7490L
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com