Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS21 Datasheet(PDF) 4 Page - Schurter Inc.

Part # GS21
Description  IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GS21 Datasheet(HTML) 4 Page - Schurter Inc.

  GS21 Datasheet HTML 1Page - Schurter Inc. GS21 Datasheet HTML 2Page - Schurter Inc. GS21 Datasheet HTML 3Page - Schurter Inc. GS21 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Connectors (Inlets/Outlets)
GS21
https://www.schurter.com /PG07
Connectors
39.6
Panel cut-out
+0.20
0
All Variants
Panel mounting
Panel Thickness s [mm]
Terminal
IP Protection Class Front Side
Order Number
Snap-in
1.5
PCB terminals
IP20
3-104-045
█
Snap-in
2.0
PCB terminals
IP20
3-104-046
Snap-in
1.5
PCB terminals with shoulder
IP20
3-104-047
█
Snap-in
2.0
PCB terminals with shoulder
IP20
3-104-048
Snap-in
1.5
Quick connect terminals 6.3 x 0.8 mm
IP20
3-101-785
█
Snap-in
2.0
Quick connect terminals 6.3 x 0.8 mm
IP20
3-104-044
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
Packaging unit
50 Pcs
Mating Inlets/Plugs
Category / Description
Plug Overview complete
IEC Plug 400 VDC, Rewireable, Straight, max. Cable Diameter 9.2 mm
GP21
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com