Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS21 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GS21
Description  IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GS21 Datasheet(HTML) 1 Page - Schurter Inc.

  GS21 Datasheet HTML 1Page - Schurter Inc. GS21 Datasheet HTML 2Page - Schurter Inc. GS21 Datasheet HTML 3Page - Schurter Inc. GS21 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Connectors (Inlets/Outlets)
GS21
https://www.schurter.com /PG07
Connectors
IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
GS21 socket-outlet with snap-in mounting for 400
VDC systems up to 2.6 kW
See below:
Approvals and Compliances
Standard
Sheet 1
Description
- Panel mount :
Snap-in version front side
- Socket-Outlet , Protection class I
- Quick Connect / PCB Terminals
Unique Selling Proposition
- Standard form acc. to IEC TS 62735-1
- Hot plug rated for disconnecting under load up to 2.6 kW
- Ideal for compact PDU applications with an operating temperature up
to 105 °C
- Compatible with cord retention system
Other versions on request
- Other panel thickness
- Other terminals
- Color coding in grey or white
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product,
Landing Page, Video
Technical Data
Ratings IEC
6.5 - 8.8 A / 400 - 294 VDC
max. 2.6 kW power
Dielectric Strength
> 3 kVDC between + and -
> 3 kVDC between +/- and PE
(1 min)
Allowable Operation Tempe-
rature
-5 °C to 105 °C
IP-Protection
front side IP20 acc. to IEC 60529
Terminal
Quick Connect / PCB Terminals
Panel Thickness S
Snap-in: 1.5/2.0 mm
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
Standard Sheet 1 acc. to IEC TS
62735-1
Protection Class I , ± 200 VDC
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: GS21
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40051170
UL Approvals
UL
UL File Number: E502317


Similar Part No. - GS21

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS210 MALLORY-GS210 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
List of Unclassifed Man...
GS2100EMI ETC1-GS2100EMI Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Telit loT Solutions
GS2100M TELIT-GS2100M Datasheet
191Kb / 2P
GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized
v1.3
GS2100MIE TELIT-GS2100MIE Datasheet
191Kb / 2P
GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized
v1.3
GS2100MIP TELIT-GS2100MIP Datasheet
191Kb / 2P
GS2100M Low Power, High Speed 802.11b/g/n module Smart Energy, Cost Optimized
v1.3
More results

Similar Description - GS21

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6600-4 SCHURTER-6600-4 Datasheet
354Kb / 3P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788 Datasheet
382Kb / 3P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_18 Datasheet
316Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_18 Datasheet
324Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788_1809 SCHURTER-4788_1809 Datasheet
328Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_21 Datasheet
326Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
6600-4 SCHURTER-6600-4_V01 Datasheet
347Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788 SCHURTER-4788_V01 Datasheet
327Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
05.01.2022
5213 SCHURTER-5213_V01 Datasheet
309Kb / 4P
IEC Appliance Outlet J, Snap-in Mounting, Front Side, Quick-connect Terminal
05.01.2022
6600-4 SCHURTER-6600-4_V02 Datasheet
347Kb / 4P
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
5.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com