Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS21 Datasheet(PDF) 2 Page - Schurter Inc.

Part # GS21
Description  IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GS21 Datasheet(HTML) 2 Page - Schurter Inc.

  GS21 Datasheet HTML 1Page - Schurter Inc. GS21 Datasheet HTML 2Page - Schurter Inc. GS21 Datasheet HTML 3Page - Schurter Inc. GS21 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors (Inlets/Outlets)
GS21
https://www.schurter.com /PG07
Connectors
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC TS 62735-1
Appliance couplers for household and similar general purposes
Designed according to
IEC TS 62735-1
Appliance couplers for household and similar general purposes
Designed according to
UL Subject 2695
Outline for DC rated Attachment Plugs and Outlet Devices for ICT Equip-
ment installed in restricted access locations
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
Halogen Free
SCHURTER AG
SCHURTER strives to offer our customers halogen free products.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
42
3
10.5
10.5
S
+-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com