Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5205 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5205
Description  150 mA Low-Noise LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5205 Datasheet(HTML) 2 Page - Microchip Technology

  MIC5205 Datasheet HTML 1Page - Microchip Technology MIC5205 Datasheet HTML 2Page - Microchip Technology MIC5205 Datasheet HTML 3Page - Microchip Technology MIC5205 Datasheet HTML 4Page - Microchip Technology MIC5205 Datasheet HTML 5Page - Microchip Technology MIC5205 Datasheet HTML 6Page - Microchip Technology MIC5205 Datasheet HTML 7Page - Microchip Technology MIC5205 Datasheet HTML 8Page - Microchip Technology MIC5205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MIC5205
DS20005785C-page 2
2017 - 2022 Microchip Technology Inc. and its subsidiaries
Typical Application Circuit
Functional Block Diagrams
MIC5205
5-Lead SOT-23
15
2
3
4
COUT = 2.2μF
tantalum
CBYP
Enable
Shutdown
EN
VOUT
Low-Noise Operation:
CBYP = 470pF, COUT ≥ 2.2μF
Basic Operation:
CBYP = not used, COUT ≥ 1μF
MIC5205-x.xYM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
IN
EN
OUT
BYP
CBYP
(optional)
GND
VREF
Bandgap
Ref.
Current Limit
Thermal Shutdown
COUT
VOUT
VIN
MIC5205-x.xYM5
Ultra-Low Noise Fixed Regulator
IN
EN
OUT
CBYP
(optional)
GND
VREF
Bandgap
Ref.
Current Limit
Thermal Shutdown
COUT
VOUT
VIN
R1
R2
MIC5205YM5
ADJ
VOUT = VREF (1 + R2/R1)
Ultra-Low Noise Adjustable
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com