Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5205 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC5205
Description  150 mA Low-Noise LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5205 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC5205 Datasheet HTML 12Page - Microchip Technology MIC5205 Datasheet HTML 13Page - Microchip Technology MIC5205 Datasheet HTML 14Page - Microchip Technology MIC5205 Datasheet HTML 15Page - Microchip Technology MIC5205 Datasheet HTML 16Page - Microchip Technology MIC5205 Datasheet HTML 17Page - Microchip Technology MIC5205 Datasheet HTML 18Page - Microchip Technology MIC5205 Datasheet HTML 19Page - Microchip Technology MIC5205 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2017 - 2022 Microchip Technology Inc.
DS20005785C-page 17
MIC5205
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5205YM5-TX:
150 mA Low-Noise LDO
Regulator, Adjustable Voltage,
–40°C to +125°C, 5-Lead
SOT-23, 3k/Reel (Rev. Pin 1)
b) MIC5205-3.0YM5-TR:
150 mA Low-Noise LDO
Regulator, 3.0V,
–40°C to +125°C, 5-Lead
SOT-23, 3k/Reel
c) MIC5205-2.8YM5-TX:
150 mA Low-Noise LDO
Regulator, 2.8V,
–40°C to +125°C, 5-Lead
SOT-23, 3k/Reel (Rev. Pin 1)
d) MIC5205-4.0YM5-TR:
150 mA Low-Noise LDO
Regulator, 4.0V,
–40°C to +125°C, 5-Lead
SOT-23, 3k/Reel
e) MIC5205-2.5YM5-TX:
150 mA Low-Noise LDO
Regulator, 2.5V,
–40°C to +125°C, 5-Lead
SOT-23, 3k/Reel (Rev. Pin 1)
PART NO.
XX
Package
Device
Device:
MIC5205:
150 mA Low-Noise LDO Regulator
Voltage:
<blank>= Adjustable
2.5 =
2.5V
2.7 =
2.7V
2.8 =
2.8V
2.85 =
2.85V
2.9 =
2.9V
3.0 =
3.0V
3.1 =
3.1V
3.2 =
3.2V
3.3 =
3.3V
3.6 =
3.6V
3.8 =
3.8V
4.0 =
4.0V
5.0 =
5.0V
Temperature:
Y
=
–40°C to +125°C
Package:
M5 =
5-Lead SOT-23
Media Type:
TX =
3,000/Reel (Reverse Pin 1)
TR =
3,000/Reel
–X.X
Voltage
X
Temperature
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com