Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5205 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5205
Description  150 mA Low-Noise LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5205 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5205 Datasheet HTML 7Page - Microchip Technology MIC5205 Datasheet HTML 8Page - Microchip Technology MIC5205 Datasheet HTML 9Page - Microchip Technology MIC5205 Datasheet HTML 10Page - Microchip Technology MIC5205 Datasheet HTML 11Page - Microchip Technology MIC5205 Datasheet HTML 12Page - Microchip Technology MIC5205 Datasheet HTML 13Page - Microchip Technology MIC5205 Datasheet HTML 14Page - Microchip Technology MIC5205 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005785C-page 11
MIC5205
regulator circuit. For example, when operating the
MIC5205-3.3YM5 at room temperature with a minimum
footprint layout, the maximum input voltage for a set
output current can be determined as follows:
EQUATION 4-3:
The junction-to-ambient thermal resistance for the
minimum footprint is 220°C/W, from Table 4-1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.3V and
an output current of 150 mA, the maximum input
voltage can be determined. From the Electrical
Characteristics table, the maximum ground current for
150 mA output current is 2500 µA or 2.5 mA.
EQUATION 4-4:
EQUATION 4-5:
EQUATION 4-6:
VIN(MAX) then equates out to 6.23V. Therefore, a 3.3V
application at 150 mA of output current can accept a
maximum input voltage of 6.2V in a SOT-23-5 package.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the Regulator Thermals
section of Microchip’s Designing with Low-Dropout
Voltage Regulators handbook.
4.7
Fixed Regulator Applications
Figure 4-1 includes a 470 pF capacitor for low-noise
operation and shows EN (pin 3) connected to IN (pin 1)
for an application where enable/shutdown is not
required. COUT = 2.2 µF minimum.
FIGURE 4-1:
Ultra-Low Noise Fixed
Voltage Application.
Figure 4-2 is an example of a low-noise configuration
where CBYP is not required. COUT = 1 µF minimum.
FIGURE 4-2:
Low Noise Fixed Voltage
Application.
4.8
Adjustable Regulator Applications
The MIC5205YM5 can be adjusted to a specific output
voltage by using two external resistors (Figure 4-3).
The resistors set the output voltage based on the
following equation:
EQUATION 4-7:
This equation is correct due to the configuration of the
bandgap reference. The bandgap voltage is relative to
the output, as seen in the block diagram. Traditional
regulators normally have the reference voltage relative
to ground and have a different VOUT equation.
Resistor values are not critical because ADJ (adjust)
has a high input impedance, but for best results use
resistors of 470 kΩ or less. A capacitor from ADJ to
ground provides greatly improved noise performance.
PD MAX
125C 25C
–
220C/W
----------------------------------------
455mW
=
=
455mW
VIN 3.3V
–
150mA
VIN
+
2.5mA
=
455mW
VIN 150mA
495mW
–
VIN
+
2.5mA
=
950mW
VIN 152.5mA
=
15
2
3
4
2.2μF
470pF
VOUT
MIC5205-x.xYM5
VIN
15
2
34
1.0μF
Enable
Shutdown
EN
VOUT
MIC5205-x.xYM5
VIN
VOUT 1.242V R2
R1
------- 1
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com