Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC223FP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC223FP
Description  Silicon Bidirectional Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC223FP Datasheet(HTML) 3 Page - Motorola, Inc

  MAC223FP Datasheet HTML 1Page - Motorola, Inc MAC223FP Datasheet HTML 2Page - Motorola, Inc MAC223FP Datasheet HTML 3Page - Motorola, Inc MAC223FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC223FP Series MAC223AFP Series
3
Motorola Thyristor Device Data
Figure 3. Gate Trigger Current
Figure 4. Gate Trigger Voltage
Figure 6. Typical On-State Characteristics
Figure 5. Hold Current
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
3
2
1
0.5
0.3
0.2
0.1
VD = 12 V
RL = 100 Ω
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1
0.5
0.1
5
10
50
100
200
0
1
2
3
4
TJ = 25°C
ITM = 200 mA
GATE OPEN
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
2
1
0.5
0.3
0.2
0.1
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
3
2
1
0.5
0.3
0.2
0.1
VD = 12 V
RL = 100 Ω
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com