Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC223FP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC223FP
Description  Silicon Bidirectional Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC223FP Datasheet(HTML) 1 Page - Motorola, Inc

  MAC223FP Datasheet HTML 1Page - Motorola, Inc MAC223FP Datasheet HTML 2Page - Motorola, Inc MAC223FP Datasheet HTML 3Page - Motorola, Inc MAC223FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Triode Thyristors
. . . designed primarily for full-wave ac control applications, such as lighting systems,
heater controls, motor controls and power supplies; or wherever full-wave silicon-
gate-controlled devices are needed.
• Off-State Voltages to 800 Volts
• All Diffused and Glass Passivated Junctions for Parameter Uniformity and Stability
• Small, Rugged Thermowatt Construction for Thermal Resistance and High Heat
Dissipation
• Gate Triggering Guaranteed in Three Modes (MAC223FP Series) or
Four Modes (MAC223AFP Series)
MAXIMUM RATINGS (TJ = 25° unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1) (TJ = –40 to +125°C,
1/2 Sine Wave 50 to 60 Hz, Gate Open)
MAC223-4FP, MAC223A4FP
MAC223-6FP, MAC223A6FP
MAC223-8FP, MAC223A8FP
MAC223-10FP, MAC223A10FP
VDRM
200
400
600
800
Volts
On-State RMS Current (TC = +80°C) Full Cycle Sine Wave 50 to 60 Hz(2)
IT(RMS)
25
Amps
Peak Nonrepetitive Surge Current (One Full Cycle, 60 Hz, TC = 80°C,
preceded and followed by rated current)
ITSM
250
Amps
Circuit Fusing (t = 8.3 ms)
I2t
260
A2s
Peak Gate Power (t
p 2 µs)
PGM
20
Watts
Average Gate Power (TC = +80°C, t p 8.3 ms)
PG(AV)
0.5
Watt
Peak Gate Current (t
p 2 µs)
IGM
2
Amps
Peak Gate Voltage (t
p 2 µs)
VGM
±10
Volts
RMS Isolation Voltage (TA = 25°C, Relative Humidity p 20%)
V(ISO)
1500
Volts
Operating Junction Temperature
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque
—
8
in. lb.
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
2. The case temperature reference point for all TC measurements is a point on the center lead of the package as close as possible to the plastic
body.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
1.2
°C/W
Thermal Resistance, Case to Sink
R
θCS
2.2
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
Order this document
by MAC223FP/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MAC223FP
Series
MAC223AFP
Series
CASE 221C-02
STYLE 3
ISOLATED TRIACs
THYRISTORS
25 AMPERES RMS
200 thru 800 VOLTS
MT1
G
MT2


Similar Part No. - MAC223FP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC223FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC20A MOTOROLA-MAC20A Datasheet
386Kb / 3P
Silicon Bidirectional Triode Thyristors
2N6157 MOTOROLA-2N6157 Datasheet
362Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
SEMTECH ELECTRONICS LTD...
MAC97 SEMTECH_ELEC-MAC97 Datasheet
178Kb / 2P
Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
STN1A60 TGS-STN1A60 Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
Triacs Silicon Bidirectional Triode Thyristors
logo
Tiger Electronic Co.,Lt...
MAC97A TGS-MAC97A Datasheet
128Kb / 1P
Silicon Bidirectional Triode Thyristors
logo
Motorola, Inc
MAC228FP MOTOROLA-MAC228FP Datasheet
95Kb / 4P
Silicon Bidirectional Triode Thyristors
MAC229AFP MOTOROLA-MAC229AFP Datasheet
94Kb / 4P
Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com