Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC223FP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC223FP
Description  Silicon Bidirectional Triode Thyristors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC223FP Datasheet(HTML) 2 Page - Motorola, Inc

  MAC223FP Datasheet HTML 1Page - Motorola, Inc MAC223FP Datasheet HTML 2Page - Motorola, Inc MAC223FP Datasheet HTML 3Page - Motorola, Inc MAC223FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC223FP Series MAC223AFP Series
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C and either polarity of MT2 to MT1 voltage unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current(1)
TJ = 25°C
(VD = Rated VDRM, Gate Open)
TJ = 125°C
IDRM
—
—
—
—
10
2
µA
mA
Peak On-State Voltage
(ITM = 35 A Peak, Pulse Width p 2 ms, Duty Cycle p 2%)
VTM
—
1.4
1.85
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
—
—
20
30
50
75
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 V, RL = 100 Ω)
MT2(+), G(+); MT2(–), G(–); MT(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(VD = Rated VDRM, TJ = 125°C, RL = 10 k)
MT(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
—
—
0.2
0.2
1.1
1.3
0.4
0.4
2
2.5
—
—
Volts
Holding Current
(VD = 12 V, ITM = 200 mA, Gate Open)
IH
—
10
50
mA
Gate Controlled Turn-On Time
(VD = Rated VDRM, ITM = 35 A Peak, IG = 200 mA)
tgt
—
1.5
—
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Waveform, TC = 125°C)
dv/dt
—
40
—
V/
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 35 A Peak, Commutating
di/dt = 12.6 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
—
5
—
V/
µs
1. Ratings apply for open gate conditions. Devices shall not be tested with a constant current source for blocking voltage such that the voltage
applied exceeds the rated blocking voltage.
Figure 2. On-State Power Dissipation
Figure 1. RMS Current Derating
75
95
IT(RMS), RMS ON-STATE CURRENT (AMPS)
25
20
5
125
115
85
10
0
15
105
10
0
0
25
20
40
30
20
10
5
15
IT(RMS), RMS ON-STATE CURRENT (AMPS)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com