Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 15Page - NXP Semiconductors MF3DX3 Datasheet HTML 16Page - NXP Semiconductors MF3DX3 Datasheet HTML 17Page - NXP Semiconductors MF3DX3 Datasheet HTML 18Page - NXP Semiconductors MF3DX3 Datasheet HTML 19Page - NXP Semiconductors MF3DX3 Datasheet HTML 20Page - NXP Semiconductors MF3DX3 Datasheet HTML 21Page - NXP Semiconductors MF3DX3 Datasheet HTML 22Page - NXP Semiconductors MF3DX3 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MF3D_H_x3_MIFARE_DESFire_EV3_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
Rev. 3.0 — 15 May 2020
COMPANY PUBLIC
612530
19 / 28
10 Package outline
UNIT
D
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUEDATE
IEC
JEDEC
JEITA
mm
35.05
34.95
For unspecified dimensions see PLLMC-drawing given in the subpackage code.
DIMENSIONS(mm are the original dimensions)
SOT500-2
03-09-17
06-05-22
- - -
- - -
- - -
PLLMC: plastic leadless module carrier package; 35 mm wide tape
SOT500-2
A(1)
max.
0.33
0
10
20 mm
scale
A
detail X
X
Note
1. Total package thickness, exclusive punching burr.
D
Figure 4. Package outline SOT500-2 (MOA4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com