Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors MF3DX3 Datasheet HTML 10Page - NXP Semiconductors MF3DX3 Datasheet HTML 11Page - NXP Semiconductors MF3DX3 Datasheet HTML 12Page - NXP Semiconductors MF3DX3 Datasheet HTML 13Page - NXP Semiconductors MF3DX3 Datasheet HTML 14Page - NXP Semiconductors MF3DX3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MF3D_H_x3_MIFARE_DESFire_EV3_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
Rev. 3.0 — 15 May 2020
COMPANY PUBLIC
612530
11 / 28
MIFARE DESFire EV3 offers a transaction-oriented backup mechanism to prevent
inconsistent updating of data storage across multiple files during a tearing situation.
When transaction tearing occurs, either all data fields are updated or none is altered.
MIFARE DESFire EV3 offers a new Transaction Timer feature which will prevent a Man-
in-the-Middle (MitM) attack where the attacker delays the conclusion of a transaction by
keeping the card powered after it left the legitimate reader device.
Besides the application file structure support, MIFARE DESFire EV3 offers many optional
features such as following:
• Delegated Application Management (MIsmartApp) for giving rights to third-party
application creation and management.
• Multiple key set within an application with key rolling mechanism and key migration
supported.
• Shared files between two applications, supporting a single transaction over two
applications at the same time.
• Multiple keys for each access right of files.
• Transaction MAC on application level, MACing the transacted data with a secret key on
the card and served as a proof of transaction to the backend system.
• Secure Dynamic Messaging (SDM) which is mirror as text into the NDEF message
• Virtual Card Architecture providing a privacy protecting mechanism during card
selection.
• Proximity Check to prevent against relay attacks.
• Originality Check for verification of genuine MIFARE DESFire EV3 product from NXP or
its licensees.
The following chapters provide basic description of some functionality on MIFARE
DESFire EV3. For a more detailed description of each functionality on MIFARE DESFire
EV3, see [1].
7.2 Contactless energy and data transfer
In the MIFARE product-based system, the MIFARE DESFire EV3 is connected to a coil
consisting of a few turns embedded in a standard ISO/IEC smart card. A battery is not
needed. When the card is positioned in the proximity of the PCD antenna, the high-speed
RF communication interface allows data to be transmitted up to 848 kbit/s.
7.3 Anti-collision
An intelligent anti-collision mechanism allows more than one MIFARE DESFire EV3 in
the field to be handled simultaneously. The anti-collision algorithm selects each MIFARE
DESFire EV3 individually and ensures that the execution of a transaction with a selected
MIFARE DESFire EV3 is performed correctly without data corruption resulting from other
MIFARE DESFire EV3s in the field.
7.4 UID/serial number
The unique 7 byte (UID) is programmed into a locked part of the NV memory which is
reserved for the manufacturer. Due to security and system requirements these bytes
are write-protected after being programmed by the IC manufacturer at production time.
According to ISO/IEC 14443-3 during the first anti-collision loop the cascade tag returns
a value of 88h and also the first 3 bytes of the UID, UID0 to UID2 and BCC. The second
anti-collision loop returns bytes UID3 to UID6 and BCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com