Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF3DX3 Datasheet HTML 1Page - NXP Semiconductors MF3DX3 Datasheet HTML 2Page - NXP Semiconductors MF3DX3 Datasheet HTML 3Page - NXP Semiconductors MF3DX3 Datasheet HTML 4Page - NXP Semiconductors MF3DX3 Datasheet HTML 5Page - NXP Semiconductors MF3DX3 Datasheet HTML 6Page - NXP Semiconductors MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MF3D_H_x3_MIFARE_DESFire_EV3_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product short data sheet
Rev. 3.0 — 15 May 2020
COMPANY PUBLIC
612530
5 / 28
2.2 Summary of key differences between MIFARE DESFire generations
Table 1 shows the key differences between the latest three product generations of
the MIFARE DESFire family. For more detail on the new features, please refer to their
respective sections in this document.
Table 1. Key differences between MIFARE DESFire generations
Features
MIFARE DESFire EV1
MIFARE DESFire EV2
MIFARE DESFire EV3
Cryptography scheme(s)
Single DES, 2KTDEA,
3KTDEA, AES128
Single DES, 2KTDEA,
3KTDEA, AES128
Single DES, 2KTDEA,
3KTDEA, AES128
Secure messaging(s)
D40 Native, EV1
D40 Native, EV1, EV2 (see
product data sheet )
D40 Native, EV1, EV2 (see
product data sheet
No. of applications
28
No limit
No limit
No. of files per application
32
32
32
Max. no. of files with backup
32
32
32
ISO/IEC7816-4 commands
8
8 (refined)
8 (refined)
Random ID
Yes
Yes
Yes
Configurable ATS
Yes, Historical bytes only
Yes, all parameters
Yes, all parameters
Max. communication buffer
64 bytes
up to 128 bytes
Up to 256 bytes
Chaining during data transfer
Native (AFh)
Native (AFh) or ISO/
IEC14443-4
Native (AFh) or ISO/
IEC14443-4
Multiple Key Sets with rolling
No
Yes
Yes
MIsmartApp (Delegated
Application Management)
No
Yes
Yes
NXP AppXplorer supports
No
Yes, self configuration
Yes, preloaded DAM keys
Shared Application
Management
No
Yes
Yes
Multiple keys per access right No
Yes
Yes
UpdateRecord command
No
Yes
Yes
Transaction MAC
No
Yes
Yes
Transaction Timer
No
No
Yes
Secure Dynamic Messaging
No
No
Yes
Virtual Card Architecture
No
Yes
Yes
Proximity Check
No
Yes
Yes
Originality Check
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com