Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3ICDX21 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF3ICDX21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICDX21 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF3ICDX21 Datasheet HTML 1Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 2Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 3Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 4Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 5Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 6Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 7Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 8Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MF3ICDX21_41_81_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.2 — 9 December 2015
145632
2 of 18
NXP Semiconductors
MF3ICDx21_41_81
MIFARE DESFire EV1 contactless multi-application IC
2.
Features and benefits
2.1 RF interface: ISO/IEC 14443 Type A
Contactless transmission of data and powered by the RF-field (no battery needed)
Operating distance: up to 100 mm (depending on power provided by the PCD and
antenna geometry)
Operating frequency: 13.56 MHz
Fast data transfer: 106 kbit/s, 212 kbit/s, 424 kbit/s, 848 kbit/s
High data integrity: 16/32 bit CRC, parity, bit coding, bit counting
True deterministic anticollision
7 bytes unique identifier (cascade level 2 according to ISO/IEC 14443-3 and option for
random ID)
Uses ISO/IEC 14443-4 protocol
2.2 ISO/IEC 7816 compatibility
Supports ISO/IEC 7816-3 APDU message structure
Supports ISO/IEC 7816-4 INS code ‘A4’ for SELECT FILE
Supports ISO/IEC 7816-4 INS code ‘B0’ for READ BINARY
Supports ISO/IEC 7816-4 INS code ‘D6’ for UPDATE BINARY
Supports ISO/IEC 7816-4 INS code ‘B2’ for READ RECORDS
Supports ISO/IEC 7816-4 INS code ‘E2’ for APPEND RECORD
Supports ISO/IEC 7816-4 INS code ‘84’ for GET CHALLENGE
Supports ISO/IEC 7816-4 INS code ‘88’ for INTERNAL AUTHENTICATE
Supports ISO/IEC 7816-4 INS code ‘82’ for EXTERNAL AUTHENTICATE
2.3 Non-volatile memory
2 kB or 4 kB or 8 kB NV-Memory
Data retention of 10 years
Write endurance typical 500 000 cycles
2.4 NV-memory organization
Flexible file system
Up to 28 applications simultaneously on one PICC
Up to 32 files in each application (standard data file, back-up data file, value file, linear
record file and cyclic record file)
File size is determined during creation
2.5 Security
Common Criteria Certification: EAL4+ (Hardware and Software)
Unique 7 bytes serial number for each device
Optional “RANDOM” ID for enhance security and privacy
Mutual three-pass authentication
Mutual authentication according to ISO/IEC 7816-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com