Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3ICDX21 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF3ICDX21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICDX21 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF3ICDX21 Datasheet HTML 4Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 5Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 6Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 7Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 8Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 9Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 10Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 11Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MF3ICDX21_41_81_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.2 — 9 December 2015
145632
8 of 18
NXP Semiconductors
MF3ICDx21_41_81
MIFARE DESFire EV1 contactless multi-application IC
If this rollback is necessary, it is done without user interaction before carrying out further
commands. To ensure data integrity on application level, a transaction-oriented backup is
implemented for all file types with backup. It is possible to mix file types with and without
backup within one application.
As the commands are the same for MF3ICD(H)81, MF3ICD(H)41 and MF3ICD(H)21, the
command details are available in Ref. 1. Only the memory size and input capacitance are
different between the devices.
8.5 Available file types
The files within an application can be any of the following types:
• Standard data files
• Backup data files
• Value files with backup
• Linear record files with backup
• Cyclic record files with backup
8.6 Security
The 7 byte UID is fixed, programmed into each device during production. It cannot be
altered and ensures the uniqueness of each device.
The UID may be used to derive diversified keys for each ticket. Diversified MIFARE
DESFire EV1 keys contribute to gain an effective anti-cloning mechanism and increase
the security of the original key; see Ref. 7.
Prior to data transmission a mutual three-pass authentication can be done between
MIFARE DESFire EV1 and PCD depending on the configuration employing either 56-bit
DES (single DES, DES), 112-bit 3DES (triple DES, 2K3DES), 168-bit 3DES (3 key triple
DES, 3K3DES) or AES. During the authentication the level of security of all further
commands during the session is set. In addition, the communication settings of the
file/application result in the following options of secure communication between MIFARE
DESFire EV1 and PCD:
• Plain data transfer (only possible within the backwards-compatible mode to
MF3ICD40)
• Plain data transfer with cryptographic checksum (MAC): Authentication with
backwards-compatible mode to MF3ICD40: 4 byte MAC, all other authentications
based on DES/3DES/AES: 8 byte CMAC
• Encrypted data transfer (secured by CRC before encryption): Authentication with
backwards-compatible mode to MF3ICD40: A 16-bit CRC is calculated over the
stream and attached. The resulting stream is encrypted using the chosen
cryptographic method. All other authentications-based DES/3DES/AES: A 32-bit CRC
is calculated over the stream and attached. The resulting stream is encrypted using
the chosen cryptographic method.
Find more information on the security concept of the product in Ref. 1. Be aware not all
levels of security are recommended. The recommended secure handling of the product
can be seen in Ref. 2 and in Ref. 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com