Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3ICDX21 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF3ICDX21
Description  MIFARE DESFire EV1 contactless multi-application IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICDX21 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF3ICDX21 Datasheet HTML 1Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 2Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 3Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 4Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 5Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 6Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 7Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 8Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MF3ICDX21_41_81_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.2 — 9 December 2015
145632
5 of 18
NXP Semiconductors
MF3ICDx21_41_81
MIFARE DESFire EV1 contactless multi-application IC
[1]
This package is also known as MOA4.
[2]
This package is also known as MOA8
6.
Block diagram
MF3MODH4101DA4/05
PLLMC[1]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
4K EEPROM, 70pF input capacitance
SOT500-2
MF3MODH2101DA4/05
PLLMC[1]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
2K EEPROM, 70pF input capacitance
SOT500-2
MF3MOD8101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
8K EEPROM, 17pF input capacitance
SOT500-4
MF3MOD4101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
4K EEPROM, 17pF input capacitance
SOT500-4
MF3MOD2101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
2K EEPROM, 17pF input capacitance
SOT500-4
MF3MODH8101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
8K EEPROM, 70pF input capacitance
SOT500-4
MF3MODH4101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
4K EEPROM, 70pF input capacitance
SOT500-4
MF3MODH2101DA8/05
PLLMC[2]
plastic leadless module carrier package; 35 mm wide tape; see Ref. 6,
2K EEPROM, 70pF input capacitance
SOT500-4
Table 2.
Ordering information ?continued
Type number
Package
Name
Description
Version
Fig 1.
Block diagram of MF3ICD(H)81, MF3ICD(H)41, MF3ICD(H)21
001aah878
RF
INTERFACE
UART
ISO/IEC
14443A
CRYPTO
CO-PROCESSOR
CPU
CRC
EEPROM
RAM
ROM
TRUE RANDOM
NUMBER
GENERATOR
SECURITY
SENSORS
POWER ON
RESET
VOLTAGE
REGULATOR
CLOCK
INPUT FILTER
RESET
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com