Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3X84/9BA6AUS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF4SAM3X84/9BA6AUS
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA6AUS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA6AUS Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 10Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 11Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 12Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 13Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 14Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 15Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 16Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
13 / 31
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
-0.3 V ≤ VI < 0 V; +30 °C < Tamb
≤ +85 °C
Test conditions: VI = -0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +85 °C
-
-
-200
μA
Input CLK (during IC reset)
VIH2
HIGH level input voltage
0.7 VDD
-
VDD + 0.3 V
VIL2
LOW level input voltage
-0.3
-
0.25 VDD V
IIH2
HIGH level input current
(weak pull-up is on)
0.7 VDD ≤ VI ≤ VDD;
Test conditions for the maximum
absolute value:
IIH2(max): VI = 0.7 VDD,
VDD = VDD(max) of the respective
supply voltage class A, B or C
0
-
-20
μA
IIL2
HIGH level input current
(weak pull-up is on)
0 V ≤ VI ≤ 0.3 VDD;
Test conditions for the maximum
absolute value:
IIL2(max): VI = 0V,
VDD = VDD(max) of the respective
supply voltage class A, B or C
-
-
-20
μA
II2
Input current
(weak pull-up is on)
0 V ≤ VI ≤ VDD;
Test conditions for the maximum
absolute value:
II2(max): VI = 0 V,
VDD = VDD(max) of the respective
supply voltage class A, B or C
0
-
-20
μA
IILIH2
Leakage input current at
input voltage beyond VDD
VDD < VI ≤ VDD + 0.3 V; -25 °C ≤
Tamb ≤ +85 °C
Test conditions: VI = VDD + 0.3
V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +85 °C
-
-
20
μA
-0.3 V ≤ VI < 0 V; -25 °C ≤ Tamb ≤
+30 °C
Test conditions: VI = -0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +30 °C
-
-
-50
μA
IILIL2
Leakage input current at
input voltage below VSS
-0.3 V ≤ VI < 0 V; +30 °C < Tamb
≤ +85 °C
Test conditions: VI = -0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = +85 °C
-
-
-200
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com