Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3X84/9BA6AUS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF4SAM3X84/9BA6AUS
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA6AUS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA6AUS Datasheet HTML 5Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 6Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 7Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 8Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 10Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 11Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 12Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
9 / 31
7 Recommended operating conditions
Table 5. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD (5.0)
Class A/5 V nominal supply
voltage contact interface
operation
4.5
5.0
5.5
V
VDD (3.0)
Class B/3 V nominal supply
voltage contact interface
operation
2.7
3.0
3.3
V
VDD (1.8)
Supply voltage [1]
Class C/1.8V nominal supply
voltage contact interface
operation
1.62
1.8
1.98
V
VI
DC input voltage on
digital inputs and
digital I/O pads
-
0
-
VDD
V
Tamb
Operating ambient
temperature[2]
-25
-
+85
°C
[1]
All described supply voltages according to ISO/IEC 7816-3.
[2]
All product properties and values specified within this data sheet are only valid within the operating ambient temperature
range.
The supported operating supply voltage ranges limited by exception sensors covers the
whole range of classes A, B and C. The Product Name devices operate within the full
voltage range described in Figure 4.
Figure 4. Operating conditions over voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com