Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3X84/9BA6AUS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MF4SAM3X84/9BA6AUS
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA6AUS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA6AUS Datasheet HTML 13Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 14Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 15Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 16Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 17Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 18Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 19Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 20Page - NXP Semiconductors MF4SAM3X84/9BA6AUS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
17 / 31
Symbol Parameter
Conditions
Supply
voltage
class
Min
Typ
Max
Unit
no coprocessor active
fCLK = 10 MHz, CPU at fCLK
A (5 V)
B (3 V)
C (1.8 V)
-
1.60
4.00
mA
no coprocessor active
fCLK = 10 MHz,
CPU in free running mode
A (5 V)
B (3 V)
C (1.8 V)
-
2.50
4.00
mA
DES coprocessor active
(DES int. 32 MHz)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
4.00
6.00
mA
DES coprocessor active
(DES int. 96 MHz)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
8.60
10.50
mA
AES coprocessor active
(AES int. 32 MHz)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
3.10
5.00
mA
AES coprocessor active
(AES int. 96 MHz)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
5.60
8.00
mA
Fame2 coprocessor active
(Fame2 clock = 16 MHz,
double multiplier mode)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
3.90
6.50
mA
Fame2 coprocessor active
(Fame2 clock = 48 MHz,
double multiplier mode)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
5.40
8.50
mA
Fame2 coprocessor active
(Fame2 clock = free
running, double multiplier
mode)
fCLK = 10 MHz,
CPU at int. 4 MHz
A (5 V)
B (3 V)
C (1.8 V)
-
5.40
10.50
mA
IDD(ID)
supply current CPU
IDLE mode (this parameter
should not be mixed-up
with the ETSI "idle state")
fCLK = 10 MHz, Tamb = 25 °C
A (5 V)
B (3 V)
C (1.8 V)
-
0.80
1.50
mA
IDD(SLP) supply current SLEEP
mode (this parameter
should not be mixed-up
with the ETSI "idle state")
fCLK = 10 MHz, Tamb = 25 °C
(VDDCO power domain
switched off)
A (5 V)
B (3 V)
C (1.8 V)
-
175.00
150.00
200.00 μA
A (5 V)
-
80.00
200.00 μA
IDD(PD) supply current
CLOCKSTOP mode
VDDmin ≤ VDD ≤ VDDmax; Clock
to input CLK stopped, Tamb =
25 °C
(VDDCO power domain and
CLIF switched off)
B (3 V)
C (1.8 V)
-
60.00
100.00 μA
[1]
Typical values are only referenced for information. They are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com