Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535ABC Datasheet(PDF) 4 Page - Analog Devices

Part # AD5535ABC
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535ABC Datasheet(HTML) 4 Page - Analog Devices

  AD5535ABC Datasheet HTML 1Page - Analog Devices AD5535ABC Datasheet HTML 2Page - Analog Devices AD5535ABC Datasheet HTML 3Page - Analog Devices AD5535ABC Datasheet HTML 4Page - Analog Devices AD5535ABC Datasheet HTML 5Page - Analog Devices AD5535ABC Datasheet HTML 6Page - Analog Devices AD5535ABC Datasheet HTML 7Page - Analog Devices AD5535ABC Datasheet HTML 8Page - Analog Devices AD5535ABC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5535
Preliminary Technical Data
Rev. PrE | Page 4 of 16
A Grade2
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DIGITAL INPUTS4
Input Current
±5
±10
µA
Input Low Voltage
0.8
V
DVCC = 3 V to 5 V
Input High Voltage
2.0
V
DVCC = 3 V to 5 V
Input Hysteresis (SCLK and SYNC only)
200
mV
Input Capacitance
10
pF
POWER-SUPPLY VOLTAGES
VPP
(50 × REF_IN) +10
210
225
V
V–
–5.25
–4.75
V
V+
4.75
5.25
V
AVCC
4.75
5.25
V
DVCC
2.7
5.25
V
POWER-SUPPLY CURRENTS7
IPP
75
110
µA/channel
I−
2.5
3.5
mA
I+
2.5
3.5
mA
AICC
16
20
mA
DICC
0.1
0.5
mA
POWER DISSIPATION
7
609
mW
1 See Terminology.
2 A Grade temperature range: −10°C to +85°C; typically +25°C.
3 Linear output voltage range: +7 V to VPP − 10 V.
4 Guaranteed by design and characterization, not production tested.
5 Ensure that TJ max is not exceeded. See the
section.
Absolute Maximum Ratings
6 Reference input determines output voltage range. Using a 4.096 V reference (REF 198) gives an output voltage range of 0 V to 200 V. Output range is programmable
via the reference input. The full-scale output range is programmable from 50 V to 200 V. The linear output voltage range is restricted from 7 V to VPP
− 10 V.
7 Outputs unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com