Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535ABC Datasheet(PDF) 8 Page - Analog Devices

Part # AD5535ABC
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535ABC Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5535ABC Datasheet HTML 4Page - Analog Devices AD5535ABC Datasheet HTML 5Page - Analog Devices AD5535ABC Datasheet HTML 6Page - Analog Devices AD5535ABC Datasheet HTML 7Page - Analog Devices AD5535ABC Datasheet HTML 8Page - Analog Devices AD5535ABC Datasheet HTML 9Page - Analog Devices AD5535ABC Datasheet HTML 10Page - Analog Devices AD5535ABC Datasheet HTML 11Page - Analog Devices AD5535ABC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5535
Preliminary Technical Data
Rev. PrE | Page 8 of 16
Table 5. Pin Function Descriptions
Pin
Function
AGND
Analog GND Pins.
AVCC
Analog Supply Pins. Voltage range from 4.75 V to 5.25 V.
VPP
Output Amplifier High Voltage Supply. Voltage range from (REF_IN × 50) + 10 V to 225 V.
V+
V+ Amplifier Supply Pins. Voltage range from 4.75 V to 5.25 V.
V–
V– Amplifier Supply Pins. Voltage range from −4.75 V to −5.25 V.
PGND
Output Amplifier Ground Reference Pins.
DGND
Digital GND Pins.
DVCC
Digital Supply Pins. Voltage range from 2.7 V to 5.25 V.
DAC_GND
Reference GND Supply for All the DACs.
REF_IN
Reference Voltage for Channels 0–31. Reference input range is 1 V to 4 V and can be used to program the full-scale
output voltage from 50 V to 200 V.
VOUT (0–31)
Analog Output Voltages from the 32 Channels.
ANODE
Anode of Internal Diode for Diode Temperature Measurement.
CATHODE
Cathode of Internal Diode for Diode Temperature Measurement.
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data is transferred in
on the falling edge of SCLK.
SCLK1
Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This operates at clock speeds of up to
30 MHz.
DIN1
Serial Data Input. Data must be valid on the falling edge of SCLK.
TEST
Allows the same data to be simultaneously loaded to all channels of the AD5535. This pin is used for calibration purposes
when loading zero scale and full scale to all channels. To invoke this feature, take the TEST pin high. In normal operation,
TEST should be tied low.
RESET1
Active Low Input. This pin can also be used to reset the complete device to its power-on reset conditions. Zero code is
loaded to the DACs.
1 Internal pull-up device on this logic input. Therefore, it can be left floating and defaults to a logic high condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com