Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5535ABC Datasheet(PDF) 12 Page - Analog Devices

Part # AD5535ABC
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535ABC Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5535ABC Datasheet HTML 8Page - Analog Devices AD5535ABC Datasheet HTML 9Page - Analog Devices AD5535ABC Datasheet HTML 10Page - Analog Devices AD5535ABC Datasheet HTML 11Page - Analog Devices AD5535ABC Datasheet HTML 12Page - Analog Devices AD5535ABC Datasheet HTML 13Page - Analog Devices AD5535ABC Datasheet HTML 14Page - Analog Devices AD5535ABC Datasheet HTML 15Page - Analog Devices AD5535ABC Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD5535
Preliminary Technical Data
Rev. PrE | Page 12 of 16
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5535*
ADSP-2101/
ADSP-2103*
SCLK
DIN
SYNC
SCLK
DT
TFS
Figure 11. AD5535 to ADSP-2101/ADSP-2103 Interface
AD5535 to MC68HC11
The serial peripheral interface (SPI) on the MC68HC11 is
configured for master mode (MSTR = 1), clock polarity bit
(CPOL) = 0, and clock phase bit (CPHA) = 1. The SPI is
configured by writing to the SPI control register (SPCR)—see
the 68HC11 User Manual. SCK of the 68HC11 drives the SCLK
of the AD5535 and the MOSI output drives the serial data line
(DIN) of the AD5535. The SYNC signal is derived from a port
line (PC7). When data is being transmitted to the AD5535, the
SYNC line is taken low (PC7).
Data appearing on the MOSI output is valid on the falling edge
of SCK. The 68HC11 transfers only eight bits of data during
each serial transfer operation; therefore, three consecutive write
operations are necessary to transmit 19 bits of data. Data is
transmitted MSB first. It is important to left-justify the data in
the SPDR register so that the first 19 bits transmitted contain
valid data. PC7 must be pulled low to start a transfer. It is taken
high and pulled low again before any further write cycles can
take place. See Figure 12.
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5535*
MC68HC11*
SCLK
DIN
SYNC
SCK
MOSI
PC7
Figure 12. AD5535 to MC68HC11 Interface
AD5535 to PIC16C6X/7X
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit = 0. This is done by
writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual. In
this example, I/O port RA1 is being used to pulse SYNC and
enable the serial port of the AD5535. This microcontroller
transfers only eight bits of data during each serial transfer
operation; therefore, three consecutive write operations are
necessary to transmit 19 bits of data. Data is transmitted MSB
first. It is important to left-justify the data in the SPDR register
so that the first 19 bits transmitted contain valid data. RA1 must
be pulled low to start a transfer. It is taken high and pulled low
again before any further write cycles can take place. Figure 13
shows the connection diagram.
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5535*
PIC16C6x/7x*
SCLK
DIN
SYNC
SCK/RC3
SDI/RC4
RA1
Figure 13. AD5535 to PIC16C6x/7x Interface
AD5535 to 8051
The AD5535 requires a clock synchronized to the serial data.
The 8051 serial interface must, therefore, be operated in
Mode 0. In this mode, serial data exits the 8051 through RxD,
and a shift clock is output on TxD. The SYNC signal is derived
from a port line (P1.1). Figure 14 shows how the 8051 is
connected to the AD5535. Because the AD5535 shifts data out
on the rising edge of the shift clock and latches data in on the
falling edge, the shift clock must be inverted. Note also that the
AD5535 requires its data with the MSB first. Because the 8051
outputs the LSB first, the transmit routine must take this into
account.
*ADDITIONAL PINS OMITTED FOR CLARITY
AD5535*
8051*
SCLK
DIN
SYNC
TxD
RxD
P1.1
Figure 14. AD5535 to 8051 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com