Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU3080500MP0 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # L1MC-RGU3080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU3080500MP0 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  L1MC-RGU3080500MP0 Datasheet HTML 1Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 2Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 3Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 4Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 5Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 6Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 7Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
4
Electrical and Thermal Characteristics
Table 3 . Electrical and thermal characteristics for LUXEON MultiColor Module 2 .5W at 120mA, T
j=25°C .
Color
Part numBEr
ForWard VoltaGE [1] (V
f)
tyPICal tEmPEraturE
CoEFFICIEnt oF ForWard
VoltaGE [2] (mV/°C)
tyPICal tHErmal
rEsIstanCE—JunCtIon
to soldEr Pad (°C/W)
mInImum
tyPICal maXImum
Red
L1MC-RGBxxxx500MP0
L1MC-RGUxxxx500MP0
1.80
2.10
2.50
-2.0
20
Green
2.80
3.15
3.30
-2.0
55
Blue
2.80
3.00
3.20
-1.4
25
Royal Blue
2.80
3.00
3.20
-1.4
25
White
2.80
3.00
3.20
-1.4
28
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.1V on forward voltage measurements.
2. Measured between 25°C and 85°C.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON MultiColor Module 2 .5W .
ParamEtEr
rEd
GrEEn
BluE
royal BluE
WHItE
DC Forward Current (single color light) [1]
250mA
240mA
240mA
240mA
240mA
DC Forward Current (all colors on) [1]
250mA
180mA
240mA
240mA
200mA
Peak Pulsed Forward Current [1, 2]
300mA
300mA
300mA
300mA
240mA
LED Junction Temperature [1] (DC & Pulse)
125°C
125°C
125°C
125°C
125°C
ESD Sensitivity (JEDEC 22A-114)
Class 2
LED Storage Temperature
-40°C to 100°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON MultiColor Module 2.5W LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. At 0.01ms pulse on time test with a pulse period of 0.1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com