Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU3080500MP0 Datasheet(PDF) 12 Page - Lumileds Lighting Company

Part # L1MC-RGU3080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU3080500MP0 Datasheet(HTML) 12 Page - Lumileds Lighting Company

Back Button L1MC-RGU3080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 10Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 11Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 12Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 13Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 14Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 15Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 16Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
11
Luminous Flux Bins
Table 5 lists the standard luminous flux bins for LUXEON MultiColor Module 2.5W LEDs. Although several bins are outlined,
product availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON MultiColor Module 2.5W.
Color
BIn
lumInous FluX [1] (lm)
mInImum
maXImum
Red
R
15
23
Green
G
30
35
H
35
40
J
40
45
Blue
B
7
14
C
14
21
Royal Blue
A
6
10
White
V
36
48
W
48
60
X
53
65
Notes for Table 5:
1. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com