Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU3080500MP0 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # L1MC-RGU3080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU3080500MP0 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button L1MC-RGU3080500MP0 Datasheet HTML 7Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 10Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 11Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 12Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 13Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 14Page - Lumileds Lighting Company L1MC-RGU3080500MP0 Datasheet HTML 15Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
10
Product Bin and Labeling Definitions
Decoding Product Bin Labeling
In the manufacturing of semiconductor products, there are variations in performance around the average values given in the
technical datasheet. For this reason, Lumileds bins LED components for luminous flux or radiometric power, color point, peak
wavelength or dominant wavelength, and forward voltage.
LUXEON MultiColor Module 2.5W LEDs are labeled using a 16-digit alphanumeric CAT code following the format below:
A B C – Red
D E F – Green
J K L – Blue / Royal Blue
M N P – White
Where:
A D J M – designates luminous flux bin (example: R=15 to 23 lm, H=35 to 40 lm, C=14 to 21 lm, W=48 to 60 lm)
B E K N – designates color bin for white LED (example: 43=3-step McAdam ellipse); dominant wavelength bin for red,
green, and blue LED (example: Red 10=618 to 625nm, Green 20=520 to 525nm, Blue 30=470 to 475nm)
C F L P – designates forward voltage bin (example: A=1.80 to 2.50V, B=2.80 to 3.30V, C=2.80 to 3.20V)
Therefore, a LUXEON MultiColor Module 2.5W with the characteristics below has the following CAT codes:
Red
– lumen range of 15 to 23 lm, dominant wavelength of 618 to 625nm, and forward voltage range of 1.80 to 2.50V
Green – lumen range of 40 to 45 lm, dominant wavelength of 520 to 525nm, and forward voltage range of 2.80 to 3.30V
Blue
– lumen range of 7 to 14 lm, dominant wavelength of 470 to 475nm, and forward voltage range of 2.80 to 3.20V
White – lumen range of 48 to 60 lm, 3-step McAdam ellipse, and forward voltage range of 2.80 to 3.20V
R 1 0 A – Red
J 2 0 B
– Green
B 3 0 C – Blue
W 4 3 C – White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com