Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP065-RBBN3 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # FSP065-RBBN3
Description  Power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSP065-RBBN3 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  FSP065-RBBN3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FSP065-RBBN3
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Power supply
Model number
Description
S-BN-19/1800-UK1
Miniature power supply cable with
protective earth pin.
Type: IEC-60320-C5
Country: United Kingdom, Ireland (Type G,
BS 1363)
Length: approx. 1.8 m
S-BN-19/1800-AU1
Miniature power supply cable with
protective earth pin.
Type: IEC-60320-C5
Country: Australia (Type I, AS 3112)
Length: approx. 1.8 m
S-BN-19/1800-CH1
Miniature power supply cable with
protective earth pin.
Type: IEC-60320-C5
Country: Switzerland (Type J, SEV 1011)
Length: approx. 1.8 m
S-BN-19/1800-IT1
Miniature power supply cable with
protective earth pin.
Type: IEC-60320-C5
Country: Italy (Type L, CEI 32-16-VII)
Length: approx. 1.8 m
S-BN-19/1800-DK1
Miniature power supply cable with
protective earth pin
Type: IEC-60320-C5
Country: Denmark (Type K, IEC 60906-1)
Length: approx 1.8 m
Accessories



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com