Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP065-RBBN3 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FSP065-RBBN3
Description  Power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSP065-RBBN3 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FSP065-RBBN3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Relative humidity
operating: 20 ... 80 %
storage: 10 ... 90 %
Altitude
5000 m above MSL
Mechanical specifications
Connection
Input:
Connection AC: C6, Class 1
Output:
Connection DC: 5.5 / 2.5 DC jack, lockable
Dimensions
108.3 mm x 46.3 mm x 30 mm (l x w x h)
International approvals
Approved for
CE, FCC, UL/cUL listed, CCC, TÜV/GS , Australian GEMS regulation, IC, KCC,
AS/NZS CISPR 32:2013, CISPR 32:2012, AS/NZS 60950.1:2015 (UL AUS and NZ),
UL 62368-1, and CSA C22.2 No. 62368-1-14
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Power supply
FSP065-RBBN3
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com