Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP065-RBBN3 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FSP065-RBBN3
Description  Power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FSP065-RBBN3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FSP065-RBBN3 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FSP065-RBBN3 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power supply
FSP065-RBBN3
< DC jack with lock mechanism
< Package includes EU-type F and US-type B power cords and
hook-and-loop fastener
Power supply for BTC12 and BTC14 Industrial thin clients
Function
The FSP065-RBBN3 is an AC/DC power supply for use with the BTC12 industrial box thin client. The power supply comes with a mechanical lock
on the DC connector for strain relief.
The package includes a hook-and-loop fastener to affix the power supply in installations, as well as 1 x EU-type F power cord and 1 x US-type B
power cord. The following power cords can be ordered separately: Type G, BS 1363 (UK), Type I, AS 3112 (AUS), Type J, SEV 1011 (CH), Type
L, CEI 23-16-VII (IT), and Type K, IEC 60906-1 (DK).
Technical Data
General specifications
Type
Switching power supply, class I
Corresponds to
FSP065-RBBN3 from manufacturer FSP Group Inc.
MTBF
100000 h confidence level 90% at 25 °C
Supply
Input voltage
100 ... 240 V AC
Input current
1.5 A
Input frequency
50 ... 60 Hz
Output
Output rated operating current
3.42 A (at typical voltage, 0 ... 40 °C)
Output voltage
19 V (18.05 ... 19.95 V DC)
Power
65 W (at typical voltage, 0 ... 40 °C)
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 55032:2012+AC:2013
EN 55024:2010
IEC 61000-3-2:2014
IEC 61000-3-3:2013
Low voltage
Directive 2014/35/EU
IEC 60950-1:2006+A11+A1+A12+A2
IEC 62368-1:2014
RoHS
Directive 2011/65/EU (RoHS)
EN 50581:2012
Ambient conditions
Operating temperature
-20 ... 60 °C (-4 ... 140 °F)
0 ... 40 °C, 100 % load
50 °C, 70 % load
60 °C, 60 % load
Storage temperature
-20 ... 80 °C (-4 ... 176 °F)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FSP065-RBBN3

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP065-RAB FSP-FSP065-RAB Datasheet
80Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
High efficiency and reliability
logo
FSP TECHNOLOGY INC.
FSP065-REBN2 FSP-FSP065-REBN2 Datasheet
122Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP065-RECN2 FSP-FSP065-RECN2 Datasheet
126Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
More results

Similar Description - FSP065-RBBN3

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com