Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003TA Datasheet(PDF) 14 Page - STMicroelectronics

Part # M76DW52003TA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003TA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M76DW52003TA Datasheet HTML 10Page - STMicroelectronics M76DW52003TA Datasheet HTML 11Page - STMicroelectronics M76DW52003TA Datasheet HTML 12Page - STMicroelectronics M76DW52003TA Datasheet HTML 13Page - STMicroelectronics M76DW52003TA Datasheet HTML 14Page - STMicroelectronics M76DW52003TA Datasheet HTML 15Page - STMicroelectronics M76DW52003TA Datasheet HTML 16Page - STMicroelectronics M76DW52003TA Datasheet HTML 17Page - STMicroelectronics M76DW52003TA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
M76DW52003TA, M76DW52003BA
14/27
Table 6. Flash DC Characteristics
Note: 1. Sampled only, not 100% tested.
2. In Dual operations the Supply Current will be the sum of
ICC1(read) and ICC3 (program/erase).
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
(2)
Supply Current (Read)
EF = VIL, G = VIH,
f = 6MHz
10
mA
ICC2
Supply Current (Standby)
EF = VCC ±0.2V,
RPF = VCC ±0.2V
100
µA
ICC3
(1,2)
Supply Current (Program/
Erase)
Program/Erase
Controller active
VPP/WP =
VIL or VIH
20
mA
VPP/WP = VPP
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7VCC
VCC +0.3
V
VPP
Voltage for
VPP/WP Program
Acceleration
VCC = 3.0V ±10%
11.5
12.5
V
IPP
Current for
VPP/WP Program
Acceleration
VCC = 3.0V ±10%
15
mA
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage
IOH = –100µA
VCC –0.4
V
VID
Identification Voltage
11.5
12.5
V
VLKO
Program/Erase Lockout Supply
Voltage
1.8
2.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com