Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003TA Datasheet(PDF) 24 Page - STMicroelectronics

Part # M76DW52003TA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003TA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M76DW52003TA Datasheet HTML 19Page - STMicroelectronics M76DW52003TA Datasheet HTML 20Page - STMicroelectronics M76DW52003TA Datasheet HTML 21Page - STMicroelectronics M76DW52003TA Datasheet HTML 22Page - STMicroelectronics M76DW52003TA Datasheet HTML 23Page - STMicroelectronics M76DW52003TA Datasheet HTML 24Page - STMicroelectronics M76DW52003TA Datasheet HTML 25Page - STMicroelectronics M76DW52003TA Datasheet HTML 26Page - STMicroelectronics M76DW52003TA Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
M76DW52003TA, M76DW52003BA
24/27
Table 11. Stacked LFBGA73 8x11.6mm, 10x12 array, 0.8mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.400
0.0551
A1
0.250
0.0098
A2
0.910
0.0358
b
0.400
0.350
0.450
0.0157
0.0138
0.0177
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
7.200
0.2835
ddd
0.100
0.0039
E
11.600
11.500
11.700
0.4567
0.4528
0.4606
E1
8.800
0.3465
e
0.800
–
–
0.0315
–
–
FD
0.400
0.0157
FE
1.400
0.0551
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com