Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003TA Datasheet(PDF) 22 Page - STMicroelectronics

Part # M76DW52003TA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003TA Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M76DW52003TA Datasheet HTML 18Page - STMicroelectronics M76DW52003TA Datasheet HTML 19Page - STMicroelectronics M76DW52003TA Datasheet HTML 20Page - STMicroelectronics M76DW52003TA Datasheet HTML 21Page - STMicroelectronics M76DW52003TA Datasheet HTML 22Page - STMicroelectronics M76DW52003TA Datasheet HTML 23Page - STMicroelectronics M76DW52003TA Datasheet HTML 24Page - STMicroelectronics M76DW52003TA Datasheet HTML 25Page - STMicroelectronics M76DW52003TA Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
M76DW52003TA, M76DW52003BA
22/27
Figure 15. SRAM Low VCCS Data Retention AC Waveforms, E1S or UBS / LBS Controlled
Table 10. SRAM Low VCCS Data Retention Characteristic
2. Sampled only. Not 100% tested.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ICCDR
Supply Current (Data Retention)
VCCS = 1.5V, E1S ≥ VCCS – 0.2V,
VIN ≥ VCCS – 0.2V or VIN ≤ 0.2V
310
µA
VDR
Supply Voltage (Data Retention)
1.5
3.3
V
tCDR
Chip Disable to Power Down
0
ns
tR
Operation Recovery Time
70
ns
AI07918b
E1S or
UBS, LBS
tCDR
VCCS
tR
DATA RETENTION MODE
VCCS (min)
VCCS (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com