Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1966208 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1966208
Description  Printed-circuit board connector - FMC 1,5/13-STF-3,5
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1966208 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1966208 Datasheet HTML 1Page - PHOENIX CONTACT 1966208 Datasheet HTML 2Page - PHOENIX CONTACT 1966208 Datasheet HTML 3Page - PHOENIX CONTACT 1966208 Datasheet HTML 4Page - PHOENIX CONTACT 1966208 Datasheet HTML 5Page - PHOENIX CONTACT 1966208 Datasheet HTML 6Page - PHOENIX CONTACT 1966208 Datasheet HTML 7Page - PHOENIX CONTACT 1966208 Datasheet HTML 8Page - PHOENIX CONTACT 1966208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1966208
09/12/2020   Page 4 / 10
Printed-circuit board connector - FMC 1,5/13-STF-3,5 - 1966208
Technical data
Termination and connection method
Test passed
Test for conductor damage and slackening
IEC 60999-1:1999-11
Test passed
Pull-out test
Pull-out test
IEC 60999-1:1999-11
Test passed
Conductor cross section / conductor type / tensile force
0.2 mm² / solid / > 10 N
0.2 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
1.5 mm² / flexible / > 40 N
Mechanical tests according to standard
Test specification
IEC 61984
Visual inspection
IEC 60512-1-1:2002-02
Dimension check
IEC 60512-1-2:2002-02
Resistance of inscriptions
IEC 60068-2-70:1995-12
Insertion and withdrawal force
IEC 60512-13-2:2006-02
No. of cycles
25
Insertion strength per pos. approx.
9 N
Withdraw strength per pos. approx.
7 N
Polarization and coding
IEC 60512-13-5:2006-02
Contact holder in insert
IEC 60512-15-1:2008-05
Test force per pos.
20 N
Air clearances and creepage distances
Clearances and creepage distances
IEC 60664-1:2007-04
Specification
IEC 60664-1:2007-04
Minimum clearance - inhomogeneous field (III/3)
1.5 mm
Minimum clearance - inhomogeneous field (III/2)
1.5 mm
Minimum clearance - inhomogeneous field (II/2)
1.5 mm
Minimum creepage distance value (III/3)
2 mm
Minimum creepage distance value (III/2)
1.5 mm
Minimum creepage distance value (II/2)
1.6 mm
Electrical tests - Function
Specification
IEC 60999-1:1999-11
Temperature cycles
Specification
IEC 60999-1:1999-11
Test current (minimum cross section)
4 A AC
Test current (maximum cross section)
8 A AC
Temperature cycles
192



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com