Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1966208 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1966208
Description  Printed-circuit board connector - FMC 1,5/13-STF-3,5
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1966208 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1966208 Datasheet HTML 1Page - PHOENIX CONTACT 1966208 Datasheet HTML 2Page - PHOENIX CONTACT 1966208 Datasheet HTML 3Page - PHOENIX CONTACT 1966208 Datasheet HTML 4Page - PHOENIX CONTACT 1966208 Datasheet HTML 5Page - PHOENIX CONTACT 1966208 Datasheet HTML 6Page - PHOENIX CONTACT 1966208 Datasheet HTML 7Page - PHOENIX CONTACT 1966208 Datasheet HTML 8Page - PHOENIX CONTACT 1966208 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1966208
09/12/2020   Page 2 / 10
Printed-circuit board connector - FMC 1,5/13-STF-3,5 - 1966208
Technical data
Item properties
Number of potentials
13
Electrical parameters
Nominal current
8 A
Nom. voltage
160 V
Rated voltage
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
320 V
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Connection capacity
Connection method
Push-in spring connection
pluggable
Yes
Conductor cross section solid
0.2 mm² ... 1.5 mm²
Conductor cross section flexible
0.2 mm² ... 1.5 mm²
Conductor cross section AWG / kcmil
24 ... 16
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² ... 1.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.14 mm² ... 0.75 mm²
Cylindrical gauge a x b / diameter
2.4 mm x 1.5 mm / -
Stripping length
10 mm
Specifications for ferrules
Recommended crimping pliers
1212034 CRIMPFOX 6
Ferrules without insulating collar, according to DIN 46228‑1
Cross section: 0.25 mm²; Length: 7 mm
Cross section: 0.34 mm²; Length: 7 mm
Cross section: 0.5 mm²; Length: 8 mm ... 10 mm
Cross section: 0.75 mm²; Length: 8 mm ... 10 mm
Cross section: 1 mm²; Length: 8 mm ... 10 mm
Cross section: 1.5 mm²; Length: 10 mm
Recommended crimping pliers
1212034 CRIMPFOX 6
Ferrules with insulating collar, according to DIN 46228‑4
Cross section: 0.14 mm²; Length: 8 mm
Cross section: 0.25 mm²; Length: 8 mm ... 10 mm
Cross section: 0.34 mm²; Length: 8 mm ... 10 mm
Cross section: 0.5 mm²; Length: 8 mm ... 10 mm
Cross section: 0.75 mm²; Length: 10 mm
Flange specifications
Type of locking
Screw locking
Mounting flange
Screw flange
Material data - contact



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com